Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3405 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3405
Description  Constant Current Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3405_13 Datasheet HTML 5Page - Texas Instruments LM3405_13 Datasheet HTML 6Page - Texas Instruments LM3405_13 Datasheet HTML 7Page - Texas Instruments LM3405_13 Datasheet HTML 8Page - Texas Instruments LM3405_13 Datasheet HTML 9Page - Texas Instruments LM3405_13 Datasheet HTML 10Page - Texas Instruments LM3405_13 Datasheet HTML 11Page - Texas Instruments LM3405_13 Datasheet HTML 12Page - Texas Instruments LM3405_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM3405
www.ti.com
SNVS429B – OCTOBER 2006 – REVISED MAY 2013
An alternate method is to place the zener diode D3 in a shunt configuration as shown in Figure 17. A small
350mW to 500mW, 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C5) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time. Resistor R2 should
be chosen to provide enough RMS current to the zener diode and to the BOOST pin. A recommended choice for
the zener current (IZENER) is 1mA. The current IBOOST into the BOOST pin supplies the gate current of the NMOS
power switch. It reaches a maximum of around 3.6mA at the highest gate drive voltage of 5.5V over the LM3405
operating range.
For the worst case IBOOST, increase the current by 50%. In that case, the maximum boost current will be:
IBOOST-MAX = 1.5 x 3.6mA = 5.4mA
(6)
R2 will then be given by:
R2 = (VIN - VZENER) / (IBOOST_MAX + IZENER)
(7)
For example, let VIN = 12V, VZENER = 5V, IZENER = 1mA, then:
R2 = (12V - 5V) / (5.4mA + 1mA) = 1.09k
(8)
Figure 17. VBOOST derived from VIN through a Shunt Zener
The fourth method can be used in an application which has an external low voltage rail, VEXT. C3 can be charged
through D2 from VEXT, independent of VIN and VOUT voltage levels. Again for best performance, ensure that the
gate drive voltage, VEXT - VD2 + VD1, falls in the range of 2.5V to 5.5V.
SETTING THE LED CURRENT
LM3405 is a constant current buck regulator. The LEDs are connected between VOUT and FB pin as shown in the
Typical Application Circuit. The FB pin is at 0.205V in regulation and therefore the LED current IF is set by VFB
and the resistor R1 from FB to ground by the following equation:
IF = VFB / R1
(9)
IF should not exceed the 1A current capability of LM3405 and therefore R1 minimum must be approximately
0.2
Ω. IF should also be kept above 200mA for stable operation, and therefore R1 maximum must be
approximately 1
Ω. If average LED currents less than 200mA are desired, the EN/DIM pin can be used for PWM
dimming. See LED PWM DIMMING section.
OUTPUT VOLTAGE
The output voltage is primarily determined by the number of LEDs (n) connected from VOUT to FB pin and
therefore VOUT can be written as :
VOUT = ((n x VF) + VFB)
(10)
where VF is the forward voltage of one LED at the set LED current level (see LED manufacturer datasheet for
forward characteristics curve).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3405


Similar Part No. - LM3405_13

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
   LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LM34058ABRG LIGHTKEY-LM34058ABRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058ARG LIGHTKEY-LM34058ARG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058AURUG LIGHTKEY-LM34058AURUG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058BRG LIGHTKEY-LM34058BRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
More results

Similar Description - LM3405_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Taiwan Memory Technolog...
T6335A TMT-T6335A Datasheet
41Kb / 4P
   Constant Current Regulator
logo
Guangdong Kexin Industr...
T6335A KEXIN-T6335A Datasheet
138Kb / 2P
   Constant Current Regulator
logo
American Bright OPTOELE...
AB-EZDC AMERICANBRIGHT-AB-EZDC Datasheet
197Kb / 5P
   Constant Current regulator
logo
ON Semiconductor
NSIC2020BT3G ONSEMI-NSIC2020BT3G Datasheet
176Kb / 9P
   Constant Current Regulator
June, 2012 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com