Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM139FK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM139FK
Description  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139FK Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM139FK Datasheet HTML 6Page - Texas Instruments LM139FK Datasheet HTML 7Page - Texas Instruments LM139FK Datasheet HTML 8Page - Texas Instruments LM139FK Datasheet HTML 9Page - Texas Instruments LM139FK Datasheet HTML 10Page - Texas Instruments LM139FK Datasheet HTML 11Page - Texas Instruments LM139FK Datasheet HTML 12Page - Texas Instruments LM139FK Datasheet HTML 13Page - Texas Instruments LM139FK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM139/LM239/LM339 family of devices is a monolithic quad of independently functioning comparators
designed to meet the needs for a medium-speed, TTL compatible comparator for industrial applications. Since no
antisaturation clamps are used on the output such as a Baker clamp or other active circuitry, the output leakage
current in the OFF state is typically 0.1 nA. This makes the device ideal for system applications where it is
desired to switch a node to ground while leaving it totally unaffected in the OFF state. Other features include
single supply, low voltage operation with an input common mode range from ground up to approximately one volt
below VCC . The output is an uncommitted collector so it may be used with a pullup resistor and a separate
output supply to give switching levels from any voltage up to 36V down to a V CE SAT above ground
(approximately 100 mV), sinking currents up to 16 mA. The open collector output configuration allows the device
to be used in wired-OR configurations, such as a window comparators.
In addition it may be used as a single pole switch to ground, leaving the switched node unaffected while in the
OFF state. Power dissipation with all four comparators in the OFF state is typically 4 mW from a single 5-V
supply (1 mW/comparator).
7.2 Functional Block Diagram
7.3 Feature Description
The LMx39-N series are high-gain, wide bandwidth devices which, like most comparators, can easily oscillate if
the output lead is inadvertently allowed to capacitively couple to the inputs through stray capacitance. This shows
up only during the output voltage transition intervals as the comparator changes states. Reducing the input
resistors to < 10 k
Ω reduces the feedback signal levels and finally, adding even a small amount (1 to 10 mV) of
positive feedback (hysteresis) causes such a rapid transition that oscillations due to stray feedback are not
possible. Simply socketing the IC and attaching resistors to the pins will cause input-output oscillations during the
small transition intervals unless hysteresis is used. If the input signal is a pulse waveform, with relatively fast rise
and fall times, hysteresis is not required.
The differential input voltage may be larger than V+ without damaging the device. Protection should be provided
to prevent the input voltages from going negative more than
−0.3 VDC (at 25°C). An input clamp diode can be
used as shown in the applications section.
The output of the LMx39-N series is the uncommitted collector of a grounded-emitter NPN output transistor.
Many collectors can be tied together to provide an output OR'ing function. An output pullup resistor can be
connected to any available power supply voltage within the permitted supply voltage range and there is no
restriction on this voltage due to the magnitude of the voltage which is applied to the V+ terminal of the LM139A
package. The output can also be used as a simple SPST switch to ground (when a pullup resistor is not used).
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Similar Part No. - LM139FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139FK TI-LM139FK Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FK TI-LM139FK Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FK TI-LM139FK Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FK TI1-LM139FK Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FK TI-LM139FK Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM139FK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com