Electronic Components Datasheet Search |
|
LM2901PW Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LM2901PW Datasheet(HTML) 4 Page - Texas Instruments |
4 / 28 page LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings (1) MIN MAX UNIT LM139N, LM239N, LM339N, LM2901N 36 Supply Voltage, V+ LM3302N 28 LM139N, LM239N, LM339N, LM2901N (2) 36 Differential Input Voltage VDC LM3302N(2) 28 LM139N, LM239N, LM339N, LM2901N −0.3 36 Input Voltage LM3302 –0.3 28 Input Current (VIN<−0.3 VDC) (3) 50 mA Power Dissipation(4) PDIP 1050 Cavity DIP 1190 mW SOIC Package 760 Output Short-Circuit to GND(5) Continuous Lead Temperature (Soldering, 10 seconds) 260 PDIP Package (10 seconds) 260 Soldering Information Vapor Phase (60 seconds) 215 °C SOIC Package Infrared (15 seconds) 220 Storage temperature, Tstg −65 150 (1) Refer to RETS139AX for LM139A military specifications and to RETS139X for LM139 military specifications. (2) Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than −0.3 VDC (or 0.3 VDC below the magnitude of the negative power supply, if used) (at 25°C). (3) This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than −0.3 VDC (at 25°C). (4) For operating at high temperatures, the LM339/LM339A, LM2901, LM3302 must be derated based on a 125°C maximum junction temperature and a thermal resistance of 95°C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM239-N and LM139-N must be derated based on a 150°C maximum junction temperature. The low bias dissipation and the “ON-OFF” characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW), provided the output transistors are allowed to saturate. (5) Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 20 mA independent of the magnitude of V+. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±600 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. 4 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N |
Similar Part No. - LM2901PW |
|
Similar Description - LM2901PW |