Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61013DGS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61013DGS
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61013DGS Datasheet(HTML) 4 Page - Texas Instruments

  TPS61013DGS Datasheet HTML 1Page - Texas Instruments TPS61013DGS Datasheet HTML 2Page - Texas Instruments TPS61013DGS Datasheet HTML 3Page - Texas Instruments TPS61013DGS Datasheet HTML 4Page - Texas Instruments TPS61013DGS Datasheet HTML 5Page - Texas Instruments TPS61013DGS Datasheet HTML 6Page - Texas Instruments TPS61013DGS Datasheet HTML 7Page - Texas Instruments TPS61013DGS Datasheet HTML 8Page - Texas Instruments TPS61013DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
Terminal Functions
terminal
I/O
description
name
no.
ADEN
8
I
Autodischarge input. The autodischarge function is enabled if this pin is connected to VBAT, it is disabled if ADEN
is tied to GND.
COMP
2
I
Compensation of error amplifier. Connect an R/C/C network to set frequency response of control loop.
EN
1
I
Chip-enable input. The converter is switched on if this pin is set high, it is switched off if this pin is connected to
GND.
FB
3
I
Feedback input for adjustable output voltage version TPS61010. Output voltage is programmed depending on the
output voltage divider connected there. For the fixed output voltage versions, leave FB-pin unconnected.
GND
4
Ground
LBI
9
I
Low-battery detector input. A low battery warning is generated at LBO when the voltage on LBI drops below the
threshold of 500 mV. Connect LBI to GND or VBAT if the low-battery detector function is not used. Do not leave
this pin floating.
LBO
10
O
Open-drain low-battery detector output. This pin is pulled low if the voltage on LBI drops below the threshold of
500 mV. A pullup resistor must be connected between LBO and VOUT.
SW
7
I
Switch input pin. The inductor is connected to this pin.
VOUT
5
O
Output voltage. Internal resistor divider sets regulated output voltage in fixed output voltage versions.
VBAT
6
I
Supply pin
DETAILED DESCRIPTION
Controller Circuit
The device is based on a current-mode control topology using a constant frequency pulse-width modulator to
regulate the output voltage. The controller limits the current through the power switch on a pulse by pulse basis.
The current-sensing circuit is integrated in the device, therefore, no additional components are required. Due to
the nature of the boost converter topology used here, the peak switch current is the same as the peak inductor
current, which will be limited by the integrated current limiting circuits under normal operating conditions.
The control loop must be externally compensated with an R-C-C network connected to the COMP-pin.
Synchronous Rectifier
The device integrates an N-channel and a P-channel MOSFET transistor to realize a synchronous rectifier. There
is no additional Schottky diode required. Because the device uses a integrated low rDS(on) PMOS switch for
rectification, the power conversion efficiency reaches 95%.
A special circuit is applied to disconnect the load from the input during shutdown of the converter. In conventional
synchronous rectifier circuits, the backgate diode of the high-side PMOS is forward biased in shutdown and
allows current flowing from the battery to the output. This device, however, uses a special circuit to disconnect
the backgate diode of the high-side PMOS and so, disconnects the output circuitry from the source when the
regulator is not enabled (EN = low).
The benefit of this feature for the system design engineer, is that the battery is not depleted during shutdown of
the converter. So, no additional effort has to be made by the system designer to ensure disconnection of the
battery from the output of the converter. Therefore, design performance will be increased without additional costs
and board space.
Power-Save Mode
The TPS61010 is designed for high efficiency over a wide output current range. Even at light loads, the efficiency
stays high because the switching losses of the converter are minimized by effectively reducing the switching
frequency. The controller enters a powersave-mode if certain conditions are met. In this mode, the controller only
switches on the transistor if the output voltage trips below a set threshold voltage. It ramps up the output voltage
with one or several pulses, and goes again into powersave-mode once the output voltage exceeds a set
threshold voltage.
4


Similar Part No. - TPS61013DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61013DGS TI1-TPS61013DGS Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61013DGSG4 TI1-TPS61013DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61013DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com