Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180ADR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180ADR
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180ADR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LBC180ADR Datasheet HTML 7Page - Texas Instruments SN65LBC180ADR Datasheet HTML 8Page - Texas Instruments SN65LBC180ADR Datasheet HTML 9Page - Texas Instruments SN65LBC180ADR Datasheet HTML 10Page - Texas Instruments SN65LBC180ADR Datasheet HTML 11Page - Texas Instruments SN65LBC180ADR Datasheet HTML 12Page - Texas Instruments SN65LBC180ADR Datasheet HTML 13Page - Texas Instruments SN65LBC180ADR Datasheet HTML 14Page - Texas Instruments SN65LBC180ADR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
−15
−10
−5
0
0
1
2
3
−20
−25
V − Input Voltage − V
−30
4
5
I
VCC = 5 V
TA = 25°C
0
5
10
15
20
25
30
35
40
Driver
Receiver
0.05
0.5
1
2
5
10
20
f − Frequency − MHz
30
CL = 10 pF
VCC = 5 V
TA = 25°C
50% Duty Cycle
RL = 54 Ω
CL = 50 pF
IOL − Low-Level Output Current − mA
2
1.75
1.50
1.25
1
0.75
0.50
0.25
0
0
10
20
30
40
50
60
70
80
VCC = 5 V
TA = 25°C
VI − Input Voltage − V
−600
−400
−200
0
200
400
600
800
−8
−6
−4
−2
0
2
4
6
8
10
12
VCC = 5 V
TA = 25°C
SN65LBC180A
SN75LBC180A
www.ti.com............................................................................................................................................................... SLLS378D – MAY 2000 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS (continued)
AVERAGE SUPPLY CURRENT
LOGIC INPUT CURRENT
vs
vs
FREQUENCY
INPUT VOLTAGE
Figure 10.
Figure 11.
BUS INPUT CURRENT
DRIVER LOW-LEVEL OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 12.
Figure 13.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65LBC180A SN75LBC180A


Similar Part No. - SN65LBC180ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180ADR TI-SN65LBC180ADR Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com