Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1021DBR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LV1021DBR
Description  10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1021DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LV1021DBR Datasheet HTML 3Page - Texas Instruments SN65LV1021DBR Datasheet HTML 4Page - Texas Instruments SN65LV1021DBR Datasheet HTML 5Page - Texas Instruments SN65LV1021DBR Datasheet HTML 6Page - Texas Instruments SN65LV1021DBR Datasheet HTML 7Page - Texas Instruments SN65LV1021DBR Datasheet HTML 8Page - Texas Instruments SN65LV1021DBR Datasheet HTML 9Page - Texas Instruments SN65LV1021DBR Datasheet HTML 10Page - Texas Instruments SN65LV1021DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
2.4 *
V
ID
2
V
ID
2
ELECTRICAL CHARACTERISTICS
SN65LV1021
SN65LV1212
SLLS526G – FEBRUARY 2002 – REVISED DECEMBER 2005
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
VCC to GND
-0.3 V to 4 V
LVTTL input voltage
-0.3 V to (VCC + 0.3 V)
LVTTL output voltage
-0.3 V to (VCC + 0.3 V)
LVDS receiver input voltage
-0.3 V to 3.9 V
LVDS driver output voltage
-0.3 V to 3.9 V
LVDS output short circuit duration
Continuous
Electrostatic discharge:
HBM
up to 6 kV
MM
up to 200 V
Junction temperature
150°C
Storage temperature
-65°C to 150°C
Lead temperature (soldering, 4 seconds)
260°C
TA = 25°C
Maximum package power dissipation
1.27 W
Package derating
10.3 mW/°C above 25°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VCC(1)
Supply voltage
3
3.3
3.6
V
Receiver input voltage range
0
2.4
V
VCM
Receiver input common mode range
V
Supply noise voltage
100
mVP-P
TA
Operating free-air temperature
-40
25
85
°C
(1)
By design, DVCC and AVCC are separated internally and does not matter what the difference is for XDVCC-AVCCX, as long as both
are within 3 V to 3.6 V.
over recommended operating supply and temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS (see Note (1))
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
VCL
Input clamp voltage
ICL = -18 mA
-1.5
V
IIN
Input current (see Note (2))
VIN = 0 V or 3.6 V
-200
±100
200
µA
DESERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS (see Note (3))
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
VCL
Input clamp voltage
ICL = -18 mA
-0.62
-1.5
V
IIN
Input current
VIN = 0 V or 3.6 V
-200
200
µA
VOH
High-level output voltage
IOH = -5 mA
2.2
3
VCC
V
VOL
Low-level output voltage
IOL = 5 mA
GND
0.25
0.5
V
IOS
Output short-circuit current
VOUT = 0 V
-15
-47
-85
mA
(1)
Apply to DIN0-DIN9, TCLK, PWRDN, TCLK_R/F, SYNC1, SYNC2, DEN
(2)
High IIN values are due to pull-up and pull-down resistors on the inputs.
(3)
Apply to input pins PWRDN, RCLK_R/F, REN, REFCLK; apply to output pins ROUTx, RCLK, LOCK
7


Similar Part No. - SN65LV1021DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021DB TI-SN65LV1021DB Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1021DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com