Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP404RGZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP404RGZR
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP404RGZR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP404RGZR Datasheet HTML 1Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 2Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 3Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 4Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 5Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 6Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 7Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 8Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PACKAGE THERMAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
SN65LVCP404
SLLS700B – MARCH 2007 – REVISED JANUARY 2009 ................................................................................................................................................... www.ti.com
PACKAGE THERMAL CHARACTERISTICS(1)
NOM
UNIT
θ
JA (junction-to-ambient)
33
°C/W
θ
JB (junction-to-board)
20
°C/W
4-layer JEDEC Board (JESD51-7) using eight GND-vias
θ-0.2 on the
θ
JC (junction-to-case)
23.6
°C/W
center pad as shown in the section: Recommended PCB footprint with
PSI-jt (junction-to-top pseudo)
0.6
°C/W
boundary and environment conditions of JEDEC Board (JESD51-2)
PSI-jb (junction-to-board pseudo)
19.4
°C/W
θ
JP (junction-to-pad)
5.4
°C/W
(1)
See application note SPRA953 for a detailed explanation of thermal parameters (http://www-s.ti.com/sc/psheets/spra953/spra953.pdf).
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 6 V
Control inputs, all outputs
–0.5 V to (VCC + 0.5 V)
Voltage range
Receiver inputs
–0.5 V to 4 V
Human Body Model(3)
All pins
3 kV
ESD
Charged-Device Model(4)
All pins
500 V
See Package Thermal Characteristics
TJ
Maximum junction temperature
Table
Moisture sensitivity level
2
Reflow temperature package soldering, 4 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP404


Similar Part No. - SN65LVCP404RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404RGZR TI-SN65LVCP404RGZR Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404RGZRG4 TI-SN65LVCP404RGZRG4 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com