Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP1414RLJR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP1414RLJR
Description  14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP1414RLJR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVCP1414RLJR Datasheet HTML 5Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 6Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 7Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 8Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 9Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 10Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 11Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 12Page - Texas Instruments SN65LVCP1414RLJR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
rp
rn
rom
2
100
rp
rn
-
D
= ´
´
+
SN65LVCP1414
www.ti.com
SLLSEC5A – AUGUST 2012 – REVISED JANUARY 2014
Electrical Characteristics (VCC 2.5V ±5%, 3.3V ±5%) (continued)
over operating free-air temperature range, all parameters are referenced to package pins (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CML OUTPUTS (OUT[3:0]_P, OUT[3:0]_N)
RL = 100 Ω, VOD = HIGH
1200
mVpp
VOD
Output linear dynamic range
RL = 100 Ω, VOD = LOW
600
mVpp
VOS
Output offset voltage
RL = 100 Ω, 0 V applied at inputs
10
mVpp
VOCM
Output common mode voltage
See Figure 5
VCC-0.4
V
K28.5 pattern at 14.2Gbps on all 4 channels,
VCM,RIP
Common mode output ripple
10
20
mVRMS
No interconnect loss, VOD = HIGH
K28.5 pattern at 14.2Gbps on all channels,
VOD,RIP
Differential path output ripple
20
mVpp
No interconnect loss, VIN = 1200mVpp.
Change in steady-state common-
VOC(SS)
mode output voltage between logic
±10
mV
states
tR
Rise time(2)
Input signal with 30ps rise time, 20% to 80%, See Figure 7
31
ps
tF
Fall time(2)
Input signal with 30ps fall time, 20% to 80%, See Figure 7
32
ps
SDD22
Differential output return loss
100MHz to 7.1GHz
–15
dB
SCC22
Common-mode output return loss
100MHz to 7.1GHz
–5
dB
tPLH
Low-to-high propagation delay
65
ps
See Figure 6
tPHL
High-to-low propagation delay
65
ps
tSK(O)
Inter-Pair (lane to lane) output skew(3)
All outputs terminated with 100
Ω, See Figure 8
8
ps
tSK(PP)
Part-to-part skew(4)
All outputs terminated with 100
50
ps
Single ended on-chip termination to VCC, Outputs will be AC
rOT
Single ended output resistance
50
Ω
coupled
rOM
Output termination mismatch at 1MHz
5
%
Chiso
Channel-to-channel isolation
Frequency at 7.1GHz
35
45
dB
10MHz to 7.1GHz, No other noise source present, VOD = LOW
400
µVRMS
OUTNOISE
Output referred noise(5)
10MHz to 7.1GHz, No other noise source present, VOD = HIGH
500
µVRMS
EQUALIZATION
EQGain
At 7.1GHz input signal
Equalization Gain, EQ = MAX
15
17
dB
Input signal with 3.75 pre-cursor and measure it on the output
signal,
Vpre
Output pre-cursor pre-emphasis
3.75
dB
Refer Figure 9. Vpre = 20log(V3/V2)
Input signal with 12dB post-cursor and measure it on the output
signal,
Vpst
Output post-cursor pre-emphasis
12
dB
Refer Figure 9, Vpst = 20log(V1/V2)
Transmit Side application
Residual deterministic jitter at 10.3125
Tx launch Amplitude = 0.6Vpp, EQ=0, ACGain and DCgain =
DJ1
0.016
UIp-p
Gbps
Low and VOD = High, Trace Mode Test Channel -> 0”, See
Figure 11
Receive Side Application
Residual deterministic jitter at 10.3125
Tx launch Amplitude = 0.6Vpp, EQ=7, ACGain and VOD = High
DJ2
0.11
UIp-p
Gbps
and DCGain = High, Trace Mode Test Channel -> 12” (9dB loss
at 5GHz), See Figure 10
Transmit Side Application
Residual deterministic jitter at 14.2
Tx launch Amplitude = 0.6Vpp, EQ=0, ACGain and DCgain =
DJ3
0.041
UIp-p
Gbps
Low and VOD = High, Trace Mode Test Channel -> 0”, See
Figure 11
Receive Side Application
Residual deterministic jitter at 14.2
Tx launch Amplitude = 0.6Vpp, EQ=7, ACGain and VOD = High
DJ4
0.13
UIp-p
Gbps
and DCGain = High, Trace Mode Test Channel -> 8” (9dB loss
at 7GHz), See Figure 10
(2)
Rise and Fall measurements include board and channel effects of the test environment, refer to Figure 10 and Figure 11.
(3)
tSK(O) is the magnitude of the time difference between the channels.
(4)
tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(5)
All noise sources added.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65LVCP1414


Similar Part No. - SN65LVCP1414RLJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1412RLHR TI-SN65LVCP1412RLHR Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1412RLHT TI-SN65LVCP1412RLHT Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
More results

Similar Description - SN65LVCP1414RLJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
logo
Analog Devices
HMC6545 AD-HMC6545 Datasheet
1Mb / 23P
   32 Gbps Dual Channel Advanced Linear Equalizer
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
[Old version datasheet]   14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Analog Devices
ADN8102 AD-ADN8102 Datasheet
1Mb / 32P
   3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
HMC7545 AD-HMC7545 Datasheet
95Kb / 2P
   14.2 Gbps Asynchronous 4-Channel Signal Conditioner
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Texas Instruments
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
[Old version datasheet]   DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com