Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1212DBR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65LV1212DBR
Description  10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1212DBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LV1212DBR Datasheet HTML 4Page - Texas Instruments SN65LV1212DBR Datasheet HTML 5Page - Texas Instruments SN65LV1212DBR Datasheet HTML 6Page - Texas Instruments SN65LV1212DBR Datasheet HTML 7Page - Texas Instruments SN65LV1212DBR Datasheet HTML 8Page - Texas Instruments SN65LV1212DBR Datasheet HTML 9Page - Texas Instruments SN65LV1212DBR Datasheet HTML 10Page - Texas Instruments SN65LV1212DBR Datasheet HTML 11Page - Texas Instruments SN65LV1212DBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
SERIALIZER TIMING REQUIREMENTS FOR TCLK
SN65LV1021
SN65LV1212
SLLS526G – FEBRUARY 2002 – REVISED DECEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating supply and temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOZ
High-impedance output current
PWRDN or REN = 0.8 V, VOUT = 0 V or VCC
-10
±1
10
µA
SERIALIZER LVDS DC SPECIFICATIONS (apply to pins DO+ and DO-)
VOD
Output differential voltage (DO+)-(DO-)
350
400
mV
∆V
OD
Output differential voltage unbalance
35
mV
RL = 27 Ω, See Figure 18
VOS
Offset voltage
1.1
1.2
1.3
V
∆V
OS
Offset voltage unbalance
35
mV
IOS
Output short circuit current
D0 = 0 V, DINx = high, PWRDN and DEN = 2.4 V
-10
-90
mA
IOZ
High-impedance output current
PWRDN or DEN = 0.8 V, DO = 0 V or VCC
-10
±1
10
µA
IOX
Power-off output current
VCC = 0 V, DO = 0 V or VCC
-20
±1
20
µA
DESERIALIZER LVDS DC SPECIFICATIONS (apply to pins RI+ and RI-)
VTH
Differential threshold high voltage
VCM = 1.1 V
50
mV
VTL
Differential threshold low voltage
-50
mV
VIN = 2.4 V, VCC = 3.6 V or 0 V
-10
±1
15
IIN
Input current
µA
VIN = 0 V, VCC = 3.6 V or 0 V
-10
±0.05
10
SERIALIZER SUPPLY CURRENT (applies to pins DVCC and AVCC)
f = 40 MHz
40
50
ICCD
Serializer supply current, worst case
RL = 27 Ω, See Figure 2
mA
f = 10 MHz
20
25
ICCXD
Serializer supply current, power down
PWRDN = 0.8 V
200
500
µA
DESERIALIZER SUPPLY CURRENT (applies to pins DVCC and AVCC)
f = 40 MHz
63
75
ICCR
Deserializer supply current, worst case
CL = 15 pF, See Figure 3
mA
f = 10 MHz
15
35
ICCXR
Deserializer supply current, power down
PWRDN = 0.8 V, REN = 0.8 V
0.36
1
mA
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTCP
Transmit clock period
25
T
100
ns
tTCIH
Transmit clock high time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit clock low time
0.4T
0.5T
0.6T
ns
tt(CLK)
TCLK input transition time
See Figure 6
3
6
ns
tJIT
TCLK input jitter
150
ps (RMS)
8


Similar Part No. - SN65LV1212DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1212DB TI-SN65LV1212DB Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1212DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com