Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS109 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS109
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS109 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS109 Datasheet HTML 1Page - Texas Instruments SN65LVDS109 Datasheet HTML 2Page - Texas Instruments SN65LVDS109 Datasheet HTML 3Page - Texas Instruments SN65LVDS109 Datasheet HTML 4Page - Texas Instruments SN65LVDS109 Datasheet HTML 5Page - Texas Instruments SN65LVDS109 Datasheet HTML 6Page - Texas Instruments SN65LVDS109 Datasheet HTML 7Page - Texas Instruments SN65LVDS109 Datasheet HTML 8Page - Texas Instruments SN65LVDS109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS109
SN65LVDS117
SLLS369F – AUGUST 1999 – REVISED FEBRUARY 2005
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
100
See Figure 1 and Table 2
mV
VITH-
Negative-going differential input voltage threshold
–100
|VOD|
Differential output voltage magnitude
247
340
454
RL = 100 Ω, VID = ±100 mV,
mV
Change in differential output voltage magnitude
See Figure 1 and Figure 2
∆|V
OD|
–50
50
between logic states
1.37
VOC(SS)
Steady-state common-mode output voltage
1.125
V
5
Change in steady-state common-mode output
See Figure 3
∆V
OC(SS)
–50
50
voltage between logic states
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
Enabled,
RL = 100 Ω
46
64
SN65LVDS109
Disabled
6
8
ICC
Supply current
mA
Enabled,
RL = 100 Ω
85
122
SN65LVDS117
Disabled
6
8
VI = 0 V
–2
–20
II
Input current (A or B inputs)
µA
VI = 2.4 V
–1.2
II(OFF)
Power-off input current (A or B inputs)
VCC = 1.5 V,
VI = 2.4 V
20
µA
IIH
High-level input current (enables)
VIH = 2 V
20
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
VOY or VOZ = 0 V
±24
IOS
Short-circuit output current
mA
VOD = 0 V
±12
IOZ
High-impedance output current
VO = 0 V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5 V,
VO = 3.6 V
±1
µA
CIN
Input capacitance (A or B inputs)
VI = 0.4 sin (4E6πt) + 0.5 V
5
pF
CO
Output capacitance (Y or Z outputs)
VI = 0.4 sin (4E6πt) + 0.5 V, Disabled
9.4
(1)
All typical values are at 25
°C and with a 3.3-V supply.
5


Similar Part No. - SN65LVDS109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109DBT TI-SN65LVDS109DBT Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com