Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD128 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65MLVD128
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD128 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD128_08 Datasheet HTML 1Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 2Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 3Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 4Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 5Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 6Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 7Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 8Page - Texas Instruments SN65MLVD128_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
SN65MLVD128
SN65MLVD129
SLLS586 – MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN65MLVD128 and SN65MLVD129 are LVTTL-to-M-LVDS translators/repeaters. Outputs comply with the
M-LVDS standard (TIA/EIA-899) and are optimized for data rates up to 250 Mbps, and clock frequencies up to
125 MHz. The driver outputs have been designed to support multipoint buses presenting loads as low as 30
and incorporates controlled transition times for backbone operation.
M-LVDS compliant devices allow for 32 nodes on a common bus, providing a high-speed replacement for
RS-485 devices when lower common-mode voltage range and lower output signaling levels are acceptable. The
SN65MLVD128 and SN65MLVD129 provide separate driver enables, allowing for independent control of each
output signal.
Intended applications for these devices include transmission of clock signals from a central clock module, as well
as translation and buffering of data or control signals for transmission through a controlled impedance backplane
or cable.
ORDERING INFORMATION
PART NUMBER
INPUT/OUTPUT CHANNEL
PART MARKING
PACKAGE/CARRIER
SN65MLVD128DGG
1:8
MLVD128
48-Pin TSSOP/Tube
SM65MLVD128DGGR
1:8
MLVD128
48-Pin TSSOP/Tape and Reeled
SN65MLVD129DGG
Dual 1:4
MLVD129
48-Pin TSSOP/Tube
SM65MLVD129DGGR
Dual 1:4
MLVD129
48-Pin TSSOP/Tape and Reeled
PCB JEDEC
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
STANDARD
POWER RATING
ABOVE TA = 25°C
POWER RATING
48-DGG
Low-K(2)
1114.6 mW
9.7 mW/°C
533.1 mW
48-DGG
High-K(3)
1824.5 mW
15.9 mW/°C
872.6 mw
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD128, 129
VCC
Supply voltage range(2)
–0.5 V to 4 V
VI
Input voltage range
D, EN
–0.5 V to 4 V
VO
Output voltage range
A or B
–1.8 V to 4 V
A, B
±9 kV
Human Body Model(3)
All pins
±4 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
±1500 V
Machine Model(5)
All pins
200 V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A.
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A.
2
Submit Documentation Feedback


Similar Part No. - SN65MLVD128_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128DGG TI-SN65MLVD128DGG Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SN65MLVD128_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com