Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS443LUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS443LUA
Description  Unipolar Hall-Effect Digital Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443LUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS443LUA Datasheet HTML 1Page - SEC Electronics Inc. SS443LUA Datasheet HTML 2Page - SEC Electronics Inc. SS443LUA Datasheet HTML 3Page - SEC Electronics Inc. SS443LUA Datasheet HTML 4Page - SEC Electronics Inc. SS443LUA Datasheet HTML 5Page - SEC Electronics Inc. SS443LUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Description
The SS443 is a unipolar Hall-effect sensor IC fabricated
from bipolar technology. The device integrates a volt-
age regulator, reverse battery protection diode, Hall
sensor with dynamic offset cancellation system, tem-
perature compensation circuitry, small signal amplifier,
Schmitt trigger and an open-collector output to sink up
to 25 mA. With suitable output pull up, they can be
used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated
circuits with tighter magnetic specifications, designed to
operate continuously over extended temperatures to
+150°C,and are more stable with both temperature and
supply voltage changes. The unipolar switching charac-
teristic makes these devices ideal for use with a simple
bar or rod magnet.
Thanks to its wide operating voltage range and extend-
ed choice of temperature range, it is quite suitable for
use in automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor
(SOT) or in a Plastic Single In Line (SIP 3L flat). Both
3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)


Similar Part No. - SS443LUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
Honeywell Solid State E...
SS443A HONEYWELL-SS443A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS443A HONEYWELL-SS443A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
More results

Similar Description - SS443LUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com