Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS539KUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS539KUA
Description  Bipolar Hall-Effect Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS539KUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS539KUA Datasheet HTML 1Page - SEC Electronics Inc. SS539KUA Datasheet HTML 2Page - SEC Electronics Inc. SS539KUA Datasheet HTML 3Page - SEC Electronics Inc. SS539KUA Datasheet HTML 4Page - SEC Electronics Inc. SS539KUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS539
Bipolar Hall-Effect Position Sensor
2
V3.10
Nov 1, 2013
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)
Pin Definitions and Descriptions
SOT Pin № SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open-Collector Output pin
3
2
GND
Ground
Ground pin
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-65 to 170
°C
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.


Similar Part No. - SS539KUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS539KUA SECELECTRONICS-SS539KUA Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
More results

Similar Description - SS539KUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
   Bipolar Hall-effect Magnetic Position Sensors
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
   Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
   Hall Effect, Non-Contacting Position Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com