Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117GKCN252 Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CM1117GKCN252
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM1117GKCN252 Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CM1117GKCN252 Datasheet HTML 1Page - Champion Microelectronic Corp. CM1117GKCN252 Datasheet HTML 2Page - Champion Microelectronic Corp. CM1117GKCN252 Datasheet HTML 3Page - Champion Microelectronic Corp. CM1117GKCN252 Datasheet HTML 4Page - Champion Microelectronic Corp. CM1117GKCN252 Datasheet HTML 5Page - Champion Microelectronic Corp. CM1117GKCN252 Datasheet HTML 6Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CM1117
1A LOW DROPOUT VOLTAGE REGULATOR
2004/06/01
Preliminary Rev. 1.5
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM1117 series of adjustable and fixed voltage regulators
are designed to provide 1A for applications requiring high
efficiency. All internal circuitry is designed to operated down to
800mV input to output differential and the dropout voltage is
fully specified as a function of load current.
The CM1117 offers current limiting and thermal protection.
The on chip trimming adjusts the reference voltage accuracy
to 1%.
Three Terminal Adjustable or Fixed Voltages: 1.8V, 2.5V,
3.3V, and adjustable.
Output Current of 1A
Low dropout voltage: 1V Typ.
Line Regulation: 0.2% Max
Load Regulation: 0.4% Max
Fast Transient Response
Thermal Protection
SOT-223 and TO-252 package available
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Battery Chargers
Active SCSI Terminators
Post Regulator for Switching DC/DC Converter
Battery Powered Instrumentation
PIN CONFIGURATION
TO-252
Front View
3
2
1
VIN
VO UT
GND /AD J
SOT-223
Top View
1
23
ORDERING INFORMATION
Package Type
TO-252
SOT-223
Operating Temperature
Range (TA)
Output Voltage
CM1117DCN252
CM1117DCM223
0℃ ~ +70℃
1.8V
CM1117KCN252
CM1117KCM223
0℃ ~ +70℃
2.5V
CM1117SCN252
CM1117SCM223
0℃ ~ +70℃
3.3V
CM1117CN252
CM1117CM223
0℃ ~ +70℃
ADJ.
CM1117GDCN252*
CM1117GDCM223*
0℃ ~ +70℃
1.8V
CM1117GKCN252*
CM1117GKCM223*
0℃ ~ +70℃
2.5V
CM1117GSCN252*
CM1117GSCM223*
0℃ ~ +70℃
3.3V
CM1117GCN252*
CM1117GCM223*
0℃ ~ +70℃
ADJ.
*Note: G : Suffix for Pb Free Product


Similar Part No. - CM1117GKCN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117GKCN252 CHAMP-CM1117GKCN252 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117GKCN252

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com