Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM118QML Datasheet(PDF) 6 Page - Texas Instruments

Part # LM118QML
Description  LM118QML Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM118QML_16 Datasheet HTML 2Page - Texas Instruments LM118QML_16 Datasheet HTML 3Page - Texas Instruments LM118QML_16 Datasheet HTML 4Page - Texas Instruments LM118QML_16 Datasheet HTML 5Page - Texas Instruments LM118QML_16 Datasheet HTML 6Page - Texas Instruments LM118QML_16 Datasheet HTML 7Page - Texas Instruments LM118QML_16 Datasheet HTML 8Page - Texas Instruments LM118QML_16 Datasheet HTML 9Page - Texas Instruments LM118QML_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM118QML
SNOSAJ3A – JULY 2005 – REVISED MARCH 2013
www.ti.com
LM118/883 Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified.
DC VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
-IOS
Short Circuit Current
t < 25mS
5.0
65
mA
1, 2
5.0
80
mA
3
ICC
Power Supply Current
VCC = ± 20V
8.0
mA
1
7.0
mA
2
11
mA
3
VIO adj.
Input Offset Voltage Adjust
VCC = ± 20V
4.0
-4.0
mV
1
RI
Input Resistance
See(1)
1.0
M
1
VI
Input Voltage Range
VCC = ± 15V
+11.
See(2)
-11.5
V
1, 2, 3
5
AVS
Large Signal Voltage Gain
RL = 2KΩ, VO = 0 to -10V
See(3)
50
V/mV
4
See(3)
25
V/mV
5, 6
RL = 2KΩ, VO = 0 to +10V
See(3)
50
V/mV
4
See(3)
25
V/mV
5, 6
VO
Output Voltage Swing
RL= 2KΩ
+12
-12
V
4, 5, 6
(1)
Specified by design not tested
(2)
Specified by CMRR
(3)
Datalog in K = V/mV
LM118/883 Electrical Characteristics AC Parameters
The following conditions apply parameters, unless otherwise specified.
AC VCC = ±15V, VCM = 0V, RS = 0Ω, RL = 2KΩ,, CL = 33pF
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
SR
Slew Rate
VCC = ± 20V, VI = -5V to +5V, AV=1
50
V/µS
7
VCC = ± 20V, VI = +5V to -5V, AV=1
50
V/µS
7
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM118QML


Similar Part No. - LM118QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118QML TI1-LM118QML Datasheet
912Kb / 19P
[Old version datasheet]   LM118QML Operational Amplifier
More results

Similar Description - LM118QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118QML TI1-LM118QML Datasheet
912Kb / 19P
[Old version datasheet]   LM118QML Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com