Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM120QML Datasheet(PDF) 3 Page - Texas Instruments

Part # LM120QML
Description  Series 3-Terminal Negative Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM120QML Datasheet(HTML) 3 Page - Texas Instruments

  LM120QML_16 Datasheet HTML 1Page - Texas Instruments LM120QML_16 Datasheet HTML 2Page - Texas Instruments LM120QML_16 Datasheet HTML 3Page - Texas Instruments LM120QML_16 Datasheet HTML 4Page - Texas Instruments LM120QML_16 Datasheet HTML 5Page - Texas Instruments LM120QML_16 Datasheet HTML 6Page - Texas Instruments LM120QML_16 Datasheet HTML 7Page - Texas Instruments LM120QML_16 Datasheet HTML 8Page - Texas Instruments LM120QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM120QML
www.ti.com
SNVS368A – DECEMBER 2010 – REVISED APRIL 2013
Figure 4.
−12V and −15V
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
LM120
−5
LM120
−12
LM120
−15
Power Dissipation
Internally Limited
Input Voltage
−25V
−35V
−40V
Input-Output Voltage Differential
25V
30V
30V
Junction Temperatures
150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Lead Temperature (Soldering, 10 sec.)
300°C
Thermal Resistance
θJA
PFM-Pkg (Still Air @ 0.5W)
191°C/W
PFM-Pkg (500LF/Min Air flow @ 0.5W)
70°C/W
TO-Pkg (Still Air @ 0.5W)
35°C/W
TO-Pkg (500LF/Min Air flow @ 0.5W)
TBD
θJC
PFM-Pkg
29°C/W
TO-Pkg
3°C/W
ESD Tolerance(2)
4000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Human body model, 1.5 k
Ω in seriew with 100 pF.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM120QML


Similar Part No. - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120QML TI-LM120QML_15 Datasheet
612Kb / 19P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
More results

Similar Description - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com