Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM118MD8 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM118MD8
Description  LM118QML Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118MD8 Datasheet(HTML) 5 Page - Texas Instruments

  LM118MD8 Datasheet HTML 1Page - Texas Instruments LM118MD8 Datasheet HTML 2Page - Texas Instruments LM118MD8 Datasheet HTML 3Page - Texas Instruments LM118MD8 Datasheet HTML 4Page - Texas Instruments LM118MD8 Datasheet HTML 5Page - Texas Instruments LM118MD8 Datasheet HTML 6Page - Texas Instruments LM118MD8 Datasheet HTML 7Page - Texas Instruments LM118MD8 Datasheet HTML 8Page - Texas Instruments LM118MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM118QML
www.ti.com
SNOSAJ3A – JULY 2005 – REVISED MARCH 2013
Quality Conformance Inspection
Mil-Std-883, Method 5005; Group A
Subgroup
Description
Temp°C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
LM118/883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
DC VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
VCM = ± 11.5V, RS = 50Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
VCC = ± 20V, RS = 50Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
VCC = ± 20V, VCM = ± 15V,
-4.0
+4.0
mV
1
RS = 50Ω
-6.0
+6.0
mV
2, 3
VCC = ± 5V, RS = 50Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
IIO
Input Offset Current
VCM = ± 11.5V, RS = 10KΩ
-50
+50
nA
1
-100
+100
nA
2, 3
VCC = ± 20V, RS = 10KΩ
-50
+50
nA
1
-100
+100
nA
2, 3
VCC = ± 5V, RS = 10KΩ
-50
+50
nA
1
-100
+100
nA
2, 3
IIB
Input Bias Current
VCM = ± 11.5V, RS= 10KΩ
1.0
250
nA
1
1.0
500
nA
2, 3
VCC = ± 20V, RS = 10KΩ
1.0
250
nA
1
1.0
500
nA
2, 3
VCC = ± 5V, RS = 10KΩ
1.0
250
nA
1
1.0
500
nA
2, 3
PSRR
Power Supply Rejection Ratio
+VCC = 20V to 5V, RS = 50Ω
70
dB
1, 2, 3
-VCC = -20V to -5V, RS = 50Ω
70
dB
1, 2, 3
CMRR
Common Mode Rejection Ratio
VCC = ± 15V, VCM = ± 11.5V, RS =
80
dB
1, 2, 3
50
+IOS
Short Circuit Current
t < 25mS
-65
-5.0
mA
1, 2, 3
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM118QML


Similar Part No. - LM118MD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM118 NSC-LM118 Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Texas Instruments
LM118 TI-LM118 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Linear Technology
LM118 LINER-LM118 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
Texas Instruments
LM118 TI1-LM118 Datasheet
753Kb / 16P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LM118-N TI1-LM118-N Datasheet
631Kb / 20P
[Old version datasheet]   LM118/LM218/LM318 Operational Amplifiers
More results

Similar Description - LM118MD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118QML TI1-LM118QML Datasheet
912Kb / 19P
[Old version datasheet]   LM118QML Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com