Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1085IS-3.3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085IS-3.3
Description  3-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IS-3.3 Datasheet(HTML) 5 Page - Texas Instruments

  LM1085IS-3.3 Datasheet HTML 1Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 2Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 3Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 4Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 5Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 6Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 7Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 8Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM1085
www.ti.com
SNVS038H – JULY 1999 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM1085-ADJ, IOUT = 10 mA, VIN − VOUT = 3 V, 10 mA ≤
1.238
1.250
1.262
IOUT ≤ IFULL LOAD,1.5 V ≤ (VIN−VOUT) ≤ 15 V
Reference Voltage
VREF
V
LM1085-ADJ, IOUT = 10 mA, VIN − VOUT = 3 V, 10 mA ≤
(3)
IOUT ≤ IFULL LOAD,1.5 V ≤ (VIN − VOUT) ≤ 15 V, –40°C ≤ TJ
1.225
1.250
1.270
≤ 125°C
LM1085-3.3, IOUT = 0 mA, VIN = 5 V, 0 ≤ IOUT ≤ IFULL
3.270
3.300
3.330
LOAD, 4.8 V ≤ VIN ≤ 15 V
V
LM1085-3.3, IOUT = 0 mA, VIN = 5 V, 0 ≤ IOUT ≤ IFULL
3.235
3.300
3.365
LOAD, 4.8 V ≤ VIN ≤ 15 V, –40°C ≤ TJ ≤ 125°C
LM1085-5.0, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
4.950
5.000
5.050
LOAD, 6.5 V ≤ VIN ≤ 20 V
Output Voltage
VOUT
V
(3)
LM1085-5.0, IOUT = 0 mA, VIN = 8 V, 0 ≤ IOUT ≤ IFULL
4.900
5.000
5.100
LOAD, 6.5 V ≤ VIN ≤ 20 V, –40°C ≤ TJ ≤ 125°C
LM1085-12, IOUT = 0 mA, VIN = 15 V, 0 ≤ IOUT ≤ IFULL
11.880
12.000
12.120
LOAD, 13.5 V ≤ VIN ≤ 25 V
V
LM1085-12, IOUT = 0 mA, VIN = 15 V, 0 ≤ IOUT ≤ IFULL
11.760
12.000
12.240
LOAD, 13.5 V ≤ VIN ≤ 25 V, –40°C ≤ TJ ≤ 125°C
LM1085-ADJ, IOUT =10 mA, 1.5 V ≤ (VIN-VOUT) ≤ 15 V
0.015
0.2
LM1085-ADJ, IOUT =10 mA, 1.5 V ≤ (VIN-VOUT) ≤ 15 V,
0.035
0.2
–40°C
≤ TJ ≤ 125°C
LM1085-3.3, IOUT = 0 mA, 4.8 V ≤ VIN ≤ 15 V
0.5
6
mV
LM1085-3.3, IOUT = 0 mA, 4.8 V ≤ VIN ≤ 15 V, –40°C ≤
1.0
6
TJ ≤ 125°C
Line Regulation
ΔVOUT
(4)
LM1085-5.0, IOUT = 0 mA, 6.5 V ≤ VIN ≤ 20 V
0.5
10
mV
LM1085-5.0, IOUT = 0 mA, 6.5 V ≤ VIN ≤ 20 V, –40°C ≤
1.0
10
TJ ≤ 125°C
LM1085-12, I OUT = 0 mA, 13.5 V ≤ VIN ≤ 25 V
1.0
25
mV
LM1085-12, I OUT = 0 mA, 13.5 V ≤ VIN ≤ 25 V, –40°C ≤
2.0
25
TJ ≤ 125°C
LM1085-ADJ, (VIN-V OUT) = 3 V, 10 mA ≤ IOUT ≤ IFULL
0.1
0.3
LOAD
LM1085-ADJ, (VIN-V OUT) = 3 V, 10 mA ≤ IOUT ≤ IFULL
0.2
0.4
LOAD, –40°C ≤ TJ ≤ 125°C
LM1085-3.3, VIN = 5 V, 0 ≤ IOUT ≤ IFULL LOAD
3
15
mV
LM1085-3.3, VIN = 5 V, 0 ≤ IOUT ≤ IFULL LOAD, –40°C ≤ TJ
7
20
Load Regulation
≤ 125°C
ΔVOUT
(4)
LM1085-5.0, VIN = 8 V, 0 ≤ IOUT ≤ IFULL LOAD
5
20
mV
LM1085-5.0, VIN = 8 V, 0 ≤ IOUT ≤ IFULL LOAD, –40°C ≤ TJ
10
35
≤ 125°C
LM1085-12, VIN = 15 V, 0 ≤ IOUT ≤ IFULL LOAD
12
36
mV
LM1085-12, VIN = 15 V, 0 ≤ IOUT ≤ IFULL LOAD, –40°C ≤
24
72
TJ ≤ 125°C
LM1085-ADJ, 3.3, 5, 12,
ΔVREF, ΔVOUT = 1%, IOUT = 3A,
VDO
Dropout Voltage (5)
1.3
1.5
V
–40°C
≤ TJ ≤ 125°C
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines the current limit as a function of input-to-output voltage.
Note that 30W power dissipation for the LM1085 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W.
Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will not be
available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1085


Similar Part No. - LM1085IS-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085IS-3.3 NSC-LM1085IS-3.3 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IS-3.3 TI1-LM1085IS-3.3 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
LM1085IS-3.3/NOPB TI1-LM1085IS-3.3/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
More results

Similar Description - LM1085IS-3.3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com