Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3407 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3407
Description  Constant Current Output Floating Buck Switching Converter for High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3407 Datasheet(HTML) 4 Page - Texas Instruments

  LM3407 Datasheet HTML 1Page - Texas Instruments LM3407 Datasheet HTML 2Page - Texas Instruments LM3407 Datasheet HTML 3Page - Texas Instruments LM3407 Datasheet HTML 4Page - Texas Instruments LM3407 Datasheet HTML 5Page - Texas Instruments LM3407 Datasheet HTML 6Page - Texas Instruments LM3407 Datasheet HTML 7Page - Texas Instruments LM3407 Datasheet HTML 8Page - Texas Instruments LM3407 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM3407
SNVS553B – JANUARY 2008 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 12V unless otherwise indicated. Typical and limits appearing in plain type apply for TA = TJ = 25°C (Note 4). Limits
appearing in boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are
specified by design, test, or statistical analysis.
Parameter
Test Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
IIN
Operating Input Current
4.5V
≤ VIN ≤ 30V
0.58
0.78
0.98
mA
VEN = 5V, VPWM = 5V, LX = open
IQ
Quiescent Input current
4.5V
≤ VIN ≤ 30V
0.20
0.27
0.39
mA
VEN = 5V, VPWM = 0V
ISHUT
Shutdown Input Current
VEN = 0V
36
48
60
µA
VUVLO
Input Under Voltage Lock-out Threshold
VIN Rising
3.6
4.5
V
VUVLO-HYS
UVLO Hysteresis
VIN Falling
200
mV
VEN_H
EN pin HIGH Threshold
VEN Rising
1.9
2.4
V
VEN_L
EN pin LOW Threshold
VEN Falling
1.3
1.75
V
VDIM_H
DIM pin HIGH Threshold
VDIM Rising
1.9
2.4
V
VDIM_L
DIM pin LOW Threshold
VDIM Falling
1.3
1.75
V
fSW
Switching Frequency
RT = 80 kΩ
500
kHz
RT = 40 kΩ
1000
tON-MIN
Minimum On-time
200
ns
TSD
Thermal Shutdown Threshold
165
°C
TSD-HYS
Thermal Shutdown Hysteresis
25
°C
INTERNAL VOLTAGE REGULATOR
VCC
VCC Regulator Output Voltage (1)
VIN = 12V
4.5
V
N-MOSFET DRIVER
RDS(ON)
Main Switch ON Resistance
Isink = 80mA
0.77
1.45
CONTROL LOOP
AEA
Error Amp Open Loop Gain
60
dB
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading to the pin.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3407


Similar Part No. - LM3407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
LM3407 TI1-LM3407 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Shanghai Leiditech Elec...
LM3407 LEIDITECH-LM3407 Datasheet
512Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

Similar Description - LM3407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407_09 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com