Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3406HV-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3406HV-Q1
Description  Constant Current, Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406HV-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3406HV-Q1 Datasheet HTML 7Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 8Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 9Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 10Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 11Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 12Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 13Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 14Page - Texas Instruments LM3406HV-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LM3406, LM3406HV, LM3406HV-Q1
www.ti.com
SNVS512E – SEPTEMBER 2008 – REVISED MARCH 2014
8.7 MINIMUM ON-TIME
The minimum on-time for the LM3406 family is 280 ns (typical). One practical example of reaching the minimum
on-time is when dimming the LED light output with a power FET placed in parallel to the LEDs. When the FET is
on, the output voltage drops to 200 mV. This results in a small duty cycle and in most circuits requires an on-time
that would be less than 280 ns. In such a case the LM3406 family keeps the on-time at 280 ns and increases the
off-time as much as needed, which effectively reduces the switching frequency.
8.8 HIGH VOLTAGE BIAS REGULATOR (VCC)
The LM3406 family contains an internal linear regulator with a 7V output, connected between the VIN and the
VCC pins. The VCC pin should be bypassed to the GND pin with a 0.1 µF ceramic capacitor connected as close
as possible to the pins of the IC. VCC tracks VIN until VIN reaches 8.8V (typical) and then regulates at 7V as
VIN increases. The LM3406 family comes out of UVLO and begins operating when VCC crosses 5.3V. This is
shown graphically in the Typical Performance curves.
Connecting an external supply to VCC to power the gate drivers is not recommended. However, it may be done if
certain precautions are taken. Be sure that the external supply will not violate any absolute maximum conditions
and will at no point exceed the voltage applied to the VIN pins. Under certain conditions, some ringing may be
present on the SW and BOOT pins when VCC is driven with an external supply. It is important to ensure that the
absolute maximum ratings of these pins are not violated during the ringing or else damage to the device may
occur.
8.9 INTERNAL MOSFET AND DRIVER
The LM3406 family features an internal power MOSFET as well as a floating driver connected from the SW pin
to the BOOT pin. Both rise time and fall time are 20 ns each (typical) and the approximate gate charge is 9 nC.
The high-side rail for the driver circuitry uses a bootstrap circuit consisting of an internal high-voltage diode and
an external 22 nF capacitor, CB. VCC charges CB through the internal diode while the power MOSFET is off.
When the MOSFET turns on, the internal diode reverse biases. This creates a floating supply equal to the VCC
voltage minus the diode drop to drive the MOSFET when its source voltage is equal to VIN.
8.10 FAST LOGIC PIN FOR PWM DIMMING
The DIM pin is a TTL compatible input for PWM dimming of the LED. A logic low (below 0.8V) at DIM will disable
the internal MOSFET and shut off the current flow to the LED array. While the DIM pin is in a logic low state the
support circuitry (driver, bandgap, VCC) remains active in order to minimize the time needed to turn the LED
array back on when the DIM pin sees a logic high (above 2.2V). A 75 µA (typical) pull-up current ensures that the
LM3406 family is on when DIM pin is open circuited, eliminating the need for a pull-up resistor. Dimming
frequency, fDIM, and duty cycle, DDIM, are limited by the LED current rise time and fall time and the delay from
activation of the DIM pin to the response of the internal power MOSFET. In general, fDIM should be at least one
order of magnitude lower than the steady state switching frequency in order to prevent aliasing.
8.11 INPUT VOLTAGE COMPARATOR FOR PWM DIMMING
Adding an external input diode and using the internal VINS comparator allows the LM3406 family to sense and
respond to dimming that is done by PWM of the input voltage. This method is also referred to as "Two-Wire
Dimming", and a typical application circuit is shown in . If the VINS pin voltage falls 70% below the VIN pin
voltage, the LM3406 family disables the internal power FET and shuts off the current to the LED array. The
support circuitry (driver, bandgap, VCC) remains active in order to minimize the time needed to the turn the LED
back on when the VINS pin voltage rises and exceeds 70% of VIN. This minimizes the response time needed to
turn the LED array back on.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3406 LM3406HV LM3406HV-Q1


Similar Part No. - LM3406HV-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406HV NSC-LM3406HV Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406HV TI1-LM3406HV Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406HVMH NSC-LM3406HVMH Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406HVMH NSC-LM3406HVMH Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3406HV-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com