Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411M5-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3411M5-5.0
Description  Precision Secondary Regulator and Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3411M5-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM3411M5-5.0 Datasheet HTML 1Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 2Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 3Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 4Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 5Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 6Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 7Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 8Page - Texas Instruments LM3411M5-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Copyright © 2016, Texas Instruments Incorporated
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3411
SNVS113F – DECEMBER 1999 – REVISED MAY 2016
LM3411 Precision Secondary Regulator and Driver
1
1 Features
1
Fixed Voltages of 3.3 V and 5 V With Initial
Tolerance of ±1% for Standard Grade and ±0.5%
for A Grade
Custom Voltages Available (3 V to 17 V)
Wide Output Current Range (20 μA to 15 mA)
Low Temperature Coefficient
Available in 5-Pin SOT-23 Surface-Mount
Package (Tape and Reel)
2 Applications
Secondary Controller for Isolated DC-DC PWM
Switching Regulators Systems
Use With LDO Regulator for High-Precision,
Fixed-Output Regulators
Precision Monitoring Applications
Use With Many Types of Regulators to Increase
Precision and Improve Performance
3 Description
The LM3411 is a low-power fixed-voltage (3.3 V or
5 V) precision shunt regulator designed specifically
for driving an optoisolator to provide feedback
isolation in a switching regulator.
The
LM3411
circuitry
includes
an
internally
compensated
operational
amplifier,
a
bandgap
reference, NPN output transistor, and voltage setting
resistors.
A
trimmed
precision
bandgap
reference
with
temperature drift curvature correction provides a
ensured 1% precision over the operating temperature
range (A grade version). The inverting input of the
amplifier is externally accessible for loop frequency
compensation when used as part of a larger servo
system. The output is an open-emitter NPN transistor
capable of driving up to 15 mA of load current.
Because of its small die size, the LM3411 has been
made available in the subminiature 5-pin SOT-23
surface-mount package. This package is ideal for use
in space-critical applications.
Although its main application is to provide a precision
output voltage (no trimming required) and maintain
very good regulation in isolated DC-DC converters, it
can also be used with other types of voltage
regulators or power semiconductors to provide a
precision output voltage without precision resistors or
trimming.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3411
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
LM3411 Functional Diagram


Similar Part No. - LM3411M5-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3411M5-5.0 NSC-LM3411M5-5.0 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
More results

Similar Description - LM3411M5-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3411-L TI1-LM3411-L Datasheet
1Mb / 31P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411 NSC-LM3411 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411 TI-LM3411_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3411 Precision Secondary Regulator/Driver
logo
Semtech Corporation
SC4901 SEMTECH-SC4901 Datasheet
586Kb / 20P
   COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
ON Semiconductor
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
STK7216 ETC-STK7216 Datasheet
119Kb / 2P
   SECONDARY CHOPPER REGULATOR FOR VTR
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com