Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475MF Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3475MF
Description  Hysteretic PFET Buck Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475MF Datasheet(HTML) 5 Page - Texas Instruments

  LM3475MF Datasheet HTML 1Page - Texas Instruments LM3475MF Datasheet HTML 2Page - Texas Instruments LM3475MF Datasheet HTML 3Page - Texas Instruments LM3475MF Datasheet HTML 4Page - Texas Instruments LM3475MF Datasheet HTML 5Page - Texas Instruments LM3475MF Datasheet HTML 6Page - Texas Instruments LM3475MF Datasheet HTML 7Page - Texas Instruments LM3475MF Datasheet HTML 8Page - Texas Instruments LM3475MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3475
www.ti.com
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Typical limits are for TJ = 25°C, unless otherwise specified, VIN = EN = 5.0 V. Maximum and minimum specification limits are
specified by design, test, or statistical analysis.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent current
EN = VIN (PGATE
TJ = 25°C
260
Open)
TJ = −40°C to +125°C
170
320
µA
EN = 0V
TJ = 25°C
7
TJ = −40°C to +125°C
4
10
VFB
TJ = 25°C
0.8
Feedback voltage
V
TJ = −40°C to +125°C
0.788
0.812
%
ΔVFB/ΔVIN
Feedback voltage line
2.7 V < VIN < 10 V
0.01
%/V
regulation
VHYST
Comparator hysteresis
2.7 V < VIN < 10 V
TJ = 25°C
21
28
mV
−40°C to +125°C
21
32
IFB
FB bias current
TJ = 25°C
50
nA
−40°C to +125°C
600
Enable threshold
Increasing
TJ = 25°C
1.5
V
voltage
VthEN
−40°C to +125°C
1.2
1.8
Hysteresis
365
mV
IEN
Enable leakage current
TJ = 25°C
0.025
EN = 10 V
µA
−40°C to +125°C
1
Source
2.8
ISOURCE = 100 mA
RPGATE
Driver resistance
Sink
1.8
ISink = 100 mA
Source
VPGATE = 3.5 V
0.475
CPGATE = 1 nF
IPGATE
Driver output current
A
Sink
VPGATE = 3.5 V
1.0
CPGATE = 1 nF
TSS
Soft-start time
2.7 V < VIN < 10 V (EN Rising)
4
ms
TONMIN
Minimum on-time
PGATE Open
180
ns
VUVD
Undervoltage detection
Measured at the FB
TJ = 25°C
0.56
V
Pin
−40°C to +125°C
0.487
0.613
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3475


Similar Part No. - LM3475MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3475MF NSC-LM3475MF Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
LM3475MFX NSC-LM3475MFX Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results

Similar Description - LM3475MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com