Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ABT245AFK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ABT245AFK
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54ABT245AFK Datasheet(HTML) 4 Page - Texas Instruments

  SNJ54ABT245AFK Datasheet HTML 1Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 2Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 3Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 4Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 5Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 6Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 7Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 8Page - Texas Instruments SNJ54ABT245AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN54ABT245A, SN74ABT245B
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS081L − JANUARY 1991 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT245A
SN74ABT245B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
2.5
V
VCC = 5 V,
IOH = −3 mA
3
3
3
V
VOH
V
45V
IOH = −24 mA
2
2
V
VCC = 4.5 V
IOH = −32 mA
2*
2
V
V
45V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
Control inputs
VCC = 0 to 5.5 V, VI = VCC or GND
±1
±1
±1
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±100
±20
μA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
μA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
μA
IOZH‡
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
μA
IOZL‡
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
−10
−10
−10
μA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
±100
μA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
μA
I
VCC = 5.5 V,
VO = 2.5 V
−50
−140
−180
−50
−180
−50
−180
mA
VCC = 5.5 V,
Outputs high
5
250
250
250
μA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
22
30
30
30
mA
ICC
A or B ports
IO
0,
VI = VCC or GND
Outputs disabled
1
250
250
250
μA
Data inputs
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
mA
ΔICC¶
Data inputs
One input at 3.4 V,
Other inputs at
VCC or GND
Outputs disabled
50
50
50
μA
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
8
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
All typical values are at VCC = 5 V.
The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


Similar Part No. - SNJ54ABT245AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABT245AFK TI-SNJ54ABT245AFK Datasheet
784Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SNJ54ABT245AFK TI-SNJ54ABT245AFK Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABT245AFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com