Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3508 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3508
Description  Synchronous Magnetic Constant Current White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3508 Datasheet(HTML) 4 Page - Texas Instruments

  LM3508 Datasheet HTML 1Page - Texas Instruments LM3508 Datasheet HTML 2Page - Texas Instruments LM3508 Datasheet HTML 3Page - Texas Instruments LM3508 Datasheet HTML 4Page - Texas Instruments LM3508 Datasheet HTML 5Page - Texas Instruments LM3508 Datasheet HTML 6Page - Texas Instruments LM3508 Datasheet HTML 7Page - Texas Instruments LM3508 Datasheet HTML 8Page - Texas Instruments LM3508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM3508
SNVS494C – APRIL 2007 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −30°C to +85°C. Unless otherwise specified VIN =3.6V.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ID
LED Current
RSET = 10Ω
20
mA
Regulation
RSET = 6.67Ω
30
VSET
Voltage at SET Pin
3.0V < VIN < 5.5V
190
200
210
mV
VILED
Voltage at ILED Pin
500
mV
VHR
Current Sink
Where ILED = 95% of
400
mV
Headroom Voltage
nominal, RSET = 20Ω
RDSON
NMOS Switch On
ISW = 100mA
0.5
Resistance
PMOS Switch On
VOUT = 10V, ISW = 65mA
2.2
Resistance
ICL
NMOS Switch Current
370
500
620
mA
Limit
ILSW
SW Leakage Current
VSW = VIN = 5.5V, OUT
0.01
µA
Floating, VEN = PGND
IOUT_SHUTDOWN
Outout Pull-Down
VEN = 0V
Resistance in
630
Shutdown
VOVP
Output Over-Voltage
ON Threshold (VOUT rising)
17.5
19.8
21.8
Protection
V
OFF Threshold (VOUT
18.6
falling)
fSW
Switching Frequency
3.0V < VIN < 5.5V
715
850
1150
kHz
DMAX
Maximum Duty Cycle
91
%
VSC
Output Voltage
VOUT Falling
0.93×VIN
Threshold for Short
V
VOUT Rising
0.95×VIN
Circuit Detection
VEN_TH
EN Threshold Voltage On Threshold
1.1
Off Threshold
0.5
V
VDIM_TH
DIM Threshold
On Threshold
1.1
V
Voltage
Off Threshold
0.5
IDIM
DIM Bias Current(2)
VDIM = 1.8V
4.7
µA
IEN
EN Bias Current(2)
VEN = 1.8V
4.7
µA
IOUT
OUT Bias Current
VOUT = 16V, device not
420
µA
switching
ROUT_SHUTDOWN
Output Pull-Down
VEN = 0V, VOUT < VIN
Resistance in
630
Shutdown
IQ
Quiescent Current
VILED > 0.5V, 3.0V < VIN <
0.18
0.3
mA
Device Not Switching
5.5V, SW Floating
VEN = 0V, 3.0V < VIN <
0.01
0.5
5.5V
IQ_SW
Switching Supply
825
µA
Current
tSTART_UP
From EN Low to High
VOUT = 17V, ILED = 20mA
to Inductor Current
470
µs
Steady State
(1)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm. Unless otherwise specified, conditions for typical specifications are VIN = 3.6V, TA = +25°C.
(2)
There is a typical 383k
Ω pull-down on this pin.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3508


Similar Part No. - LM3508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
LM3508TL NSC-LM3508TL Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
LM3508TL NSC-LM3508TL Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
LM3508TLX NSC-LM3508TLX Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
More results

Similar Description - LM3508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
List of Unclassifed Man...
GM2102 ETC-GM2102 Datasheet
194Kb / 6P
   CONSTANT CURRENT DC/DC WHITE LED DRIVER
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Lowpower Semiconductor ...
LP3361 POWER-LP3361 Datasheet
250Kb / 6P
   6-Channel Constant Current White LED Driver
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com