Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3561 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3561
Description  Synchronous Boost Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3561 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3561_13 Datasheet HTML 2Page - Texas Instruments LM3561_13 Datasheet HTML 3Page - Texas Instruments LM3561_13 Datasheet HTML 4Page - Texas Instruments LM3561_13 Datasheet HTML 5Page - Texas Instruments LM3561_13 Datasheet HTML 6Page - Texas Instruments LM3561_13 Datasheet HTML 7Page - Texas Instruments LM3561_13 Datasheet HTML 8Page - Texas Instruments LM3561_13 Datasheet HTML 9Page - Texas Instruments LM3561_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
tRISE
tFALL
70%
30%
70%
30%
tFALL
70%
30%
tRISE
70%
30%
tHD;STA
1/fSCL
tHD;DAT
tSU;DAT
tHIGH
tLOW
tVD;DAT
70%
30%
9
th Clock
Pulse
Start
Stop
tSU;STA
tHD;STA
tVD;ACK
9
th Clock
Pulse
70%
30%
tSU;STO
tBUF
Start
Repeated
Start
70%
70%
70%
30%
30%
70%
30%
70%
70%
30%
70%
SCL
SDA
SDA
(Continued)
SCL
(Continued)
30%
LM3561
SNOSB44C – MARCH 2011 – REVISED MAY 2013
www.ti.com
I
2C TIMING
Figure 4. I2C Timing
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3561


Similar Part No. - LM3561_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3561TME TI1-LM3561TME Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
LM3561TMX TI1-LM3561TMX Datasheet
2Mb / 36P
[Old version datasheet]   LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
More results

Similar Description - LM3561_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com