Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3631YFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3631YFFR
Description  Complete LCD Backlight and Bias Power
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3631YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3631YFFR Datasheet HTML 6Page - Texas Instruments LM3631YFFR Datasheet HTML 7Page - Texas Instruments LM3631YFFR Datasheet HTML 8Page - Texas Instruments LM3631YFFR Datasheet HTML 9Page - Texas Instruments LM3631YFFR Datasheet HTML 10Page - Texas Instruments LM3631YFFR Datasheet HTML 11Page - Texas Instruments LM3631YFFR Datasheet HTML 12Page - Texas Instruments LM3631YFFR Datasheet HTML 13Page - Texas Instruments LM3631YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
LM3631
SNVS834 – AUGUST 2014
www.ti.com
7.6
I
2C Timing Requirements (SDA, SCL) (1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START
0.6
µs
condition
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Set-up time for a repeated START
600
ns
condition
5
Data hold time
50
ns
6
Data set-up time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-Up time between a STOP and a
1.3
µs
START condition
Cb
Capacitive load for each bus line
10
200
pF
(1)
Limits set by characterization and/or simulation only
Figure 1. I2C Timing Parameters
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3631


Similar Part No. - LM3631YFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3631YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
Diodes Incorporated
ZXNB4202WV DIODES-ZXNB4202WV Datasheet
48Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4204WV DIODES-ZXNB4204WV Datasheet
52Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4204 DIODES-ZXNB4204 Datasheet
52Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4202 DIODES-ZXNB4202 Datasheet
48Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
DS32071 Rev. 2 - 5
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com