Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26484 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM26484
Description  LM26484 Power Management Unit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26484 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM26484_13 Datasheet HTML 5Page - Texas Instruments LM26484_13 Datasheet HTML 6Page - Texas Instruments LM26484_13 Datasheet HTML 7Page - Texas Instruments LM26484_13 Datasheet HTML 8Page - Texas Instruments LM26484_13 Datasheet HTML 9Page - Texas Instruments LM26484_13 Datasheet HTML 10Page - Texas Instruments LM26484_13 Datasheet HTML 11Page - Texas Instruments LM26484_13 Datasheet HTML 12Page - Texas Instruments LM26484_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM26484
www.ti.com
SNVS573F – SEPTEMBER 2008 – REVISED MARCH 2013
Typical Performance Characteristics — Buck (continued)
TA = 25°C unless otherwise noted.
Buck1 Load Transient: VIN = 3.3V;
Buck1 Load Transient: VIN = 3.3V;
VOUT = 1.8V; IOUT = 250 mA - 1.5A
VOUT = 1.8V; IOUT = 500 mA - 2A
Figure 10.
Figure 11.
Buck2 Load Transient: VIN = 3.3V;
Buck2 Load Transient: VIN = 3.3V;
VOUT = 1.0V; IOUT = 250 mA - 1.5A
VOUT = 1.0V; IOUT = 500 mA - 2A
Figure 12.
Figure 13.
Efficiency of Buck1, VOUT = 1.8V, at Room Temp
Efficiency of Buck2, VOUT = 1.0V, at Room Temp
Figure 14.
Figure 15.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM26484


Similar Part No. - LM26484_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26484SQ NSC-LM26484SQ Datasheet
1Mb / 18P
   Power Management Unit
LM26484SQE NSC-LM26484SQE Datasheet
1Mb / 18P
   Power Management Unit
LM26484SQX NSC-LM26484SQX Datasheet
1Mb / 18P
   Power Management Unit
More results

Similar Description - LM26484_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
[Old version datasheet]   Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
logo
Vaisala
PMU701 VAISALA-PMU701 Datasheet
300Kb / 3P
   Power Management Unit PMU701
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com