Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27952 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM27952
Description  LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27952 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27952 Datasheet HTML 6Page - Texas Instruments LM27952 Datasheet HTML 7Page - Texas Instruments LM27952 Datasheet HTML 8Page - Texas Instruments LM27952 Datasheet HTML 9Page - Texas Instruments LM27952 Datasheet HTML 10Page - Texas Instruments LM27952 Datasheet HTML 11Page - Texas Instruments LM27952 Datasheet HTML 12Page - Texas Instruments LM27952 Datasheet HTML 13Page - Texas Instruments LM27952 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LM27952
SNVS364B – MAY 2005 – REVISED MAY 2013
www.ti.com
CAPACITOR SELECTION
The LM27952 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance (ESR
<20m
Ω typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are not
recommended for use with the LM27952 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM27952. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM27952. Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, -
20%) and vary significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56%
over +10°C to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a
capacitance of only 0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet
the minimum capacitance requirements of the LM27952.
The voltage rating of the output capacitor should be 10V or more. All other capacitors should have a voltage
rating at or above the maximum input voltage of the application.
PARALLEL DX OUTPUTS FOR INCREASED CURRENT DRIVE
Outputs D1-4 may be connected together to drive a one or two LEDs at higher currents. In such a configuration,
all four parallel current sinks of equal value drive the single LED. The LED current programmed should be
chosen so that the current through each of the outputs is programmed to 25% of the total desired LED current.
For example, if 60mA is the desired drive current for the single LED, RSET should be selected such that the
current through each of the current sink inputs is 15mA. Similarly, if two LEDs are to be driven by pairing up the
D1-4 inputs (i.e D1-2, D3-4), RSET should be selected such that the current through each current sink input is 50% of
the desired LED current.
Connecting the outputs in parallel does not affect internal operation of the LM27952 and has no impact on the
Electrical Characteristics and limits previously presented. The available diode output current, maximum diode
voltage, and all other specifications provided in the Electrical Characteristics table apply to this parallel output
configuration, just as they do to the standard 4-LED application circuit.
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of power consumed by the LEDs (PLED) to the power
drawn at the input of the part (PIN). With a 1.5x/1x charge pump, the input current is equal to the charge pump
gain times the output current (total LED current). For a simple approximation, the current consumed by internal
circuitry can be neglected and the efficiency of the LM27952 can be predicted as follows:
PLED = N × VLED × ILED
(7)
PIN = VIN × IIN
(8)
PIN = VIN × (Gain × N × ILED + IQ)
(9)
E = (PLED ÷ PIN)
(10)
Neglecting IQ will result in a slightly higher efficiency prediction, but this impact will be no more than a few
percentage points when several LEDs are driven at full power. It is also worth noting that efficiency as defined
here is in part dependent on LED voltage. Variation in LED voltage does not affect power consumed by the
circuit and typically does not relate to the brightness of the LED. For an advanced analysis, it is recommended
that power consumed by the circuit (VIN x IIN) be evaluated rather than power efficiency.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM27952 when the junction temperature exceeds 150°C (typ.).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device will recover and operate normally when the junction temperature falls
below 140°C (typ.). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM27952


Similar Part No. - LM27952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27952SD NSC-LM27952SD Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27952SDX NSC-LM27952SDX Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Similar Description - LM27952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com