Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH162260 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABTH162260
Description  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABTH162260 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABTH162260 Datasheet HTML 1Page - Texas Instruments SN54ABTH162260 Datasheet HTML 2Page - Texas Instruments SN54ABTH162260 Datasheet HTML 3Page - Texas Instruments SN54ABTH162260 Datasheet HTML 4Page - Texas Instruments SN54ABTH162260 Datasheet HTML 5Page - Texas Instruments SN54ABTH162260 Datasheet HTML 6Page - Texas Instruments SN54ABTH162260 Datasheet HTML 7Page - Texas Instruments SN54ABTH162260 Datasheet HTML 8Page - Texas Instruments SN54ABTH162260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN54ABTH162260, SN74ABTH162260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SCBS240D – JUNE 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABTH162260
SN74ABTH162260
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
A port
IOL = 48 mA
0.55
0.55
VOL
A port
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
B port
IOL = 12 mA
0.8
0.8
0.8
Vhys
100
mV
II
Control
inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
±20
µA
II(h ld) AorB ports
VCC =4 5V
VI = 0.8 V
100
µA
II(hold) A or B ports
VCC = 4.5 V
VI = 2 V
–100
µA
IOZPU‡
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH§
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL§
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–225
–50
–225
–50
–225
mA
Outputs high
1.5
1.5
1.5
ICC
Outputs low
VCC = 5.5 V, IO = 0,
63
63
63
mA
ICC
Outputs
disabled
VI = VCC or GND
1
1
1
mA
∆ICC#
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
1.5
1
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
11.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ This parameter is characterized but not tested.
§ The parameters IOZH and IOZL include the input leakage current.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABTH162260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABTH162260WD TI-SN54ABTH162260WD Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
More results

Similar Description - SN54ABTH162260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com