Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD61DG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD61DG4
Description  ControlNet TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD61DG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD61DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD61DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN65HVD61
SLLS770D
– JANUARY 2007 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
BUS PINS (XF1, XF3)
VOL(TX)
Transmitter output low voltage
Connect to VCC through
0.9
1.2
V
37.5
Ω, ±1% resistor
VOH(TX)
Transmitter output high voltage
VCC–0.05
VCC
Transmitter off noise level,
RL = 37.5 Ω, 0 to 20 MHz BW, TX and TXBAR
VO(OFF)
5
mV
|XF3-XF1|
inputs idle, CHEN and TXEN inputs LO
VSW(PP)
Receiver-to-bus reflection, peak-to-peak
R1=R2=50
Ω, C1=C2=15pF, See Figure 3
200
mV
Positive-going differential input threshold
VTH+
4.5V
< Vcm < 5.5V
35
120
mV
voltage
Negative-going differential input threshold
VTH-
4.5V
< Vcm < 5.5V
–120
–35
mV
voltage
Vhys
Hysteresis voltage (VTH+ – VTH-)
4.5V
< Vcm < 5.5V, RX output
50
70
mV
VCD
Carrier detect threshold voltage, (XF3
–XF1)
4.5V
< Vcm < 5.5V
23
175
255
mV
VI = 10V, TXEN at 0V,
1.2
Other input at
–10V to 10V
II
Bus terminal input leakage current
mA
VI = –10V, TXEN at 0V
–1.7
Other input at
–10V to 10V
VCC < 2V, VI = -10V to 10V
II(off)
Bus terminal input leakage current
–1.7
1.2
mA
Other input at
–10 V to 10 V
IOS
Short-circuit output current
0
< VO < VCC
–400
400
mA
RIN
Bus terminal input resistance
VI = –10V to 10V, Other input at CGND, DC
12
k
10 MHz AC test frequency, 1VPP amplitude using
CIN
Differential input capacitance (XF1-to-XF3)
HP4194A or equivalent impedance analyzer,
7
11
pF
VCC = 0V
LOGIC INPUTS (TX, TXBAR, TXEN,CHEN)
II
Logic input current
TX, TXBAR, TXEN, CHEN
–100
100
μA
II(off)
Logic input power-off current
VDD at 0 V, TX,TXBAR, TXEN, CHEN
–100
100
μA
LOGIC OUTPUTS (RX, CD)
CL = 15 pF
0.8
×VDD
VOH
Logic output voltage, high level
V
IO = –4 mA, VDD > 3V
2.4
CL = 15 pF
0.2
×VDD
VOL
Logic output voltage, low level
V
IO = 4 mA
0.4
IOZ
Logic output high-impedance-state current
RX, CD, 0
< VO < VDD
–20
20
μA
IO(off)
Logic output power-off current
VDD at 0 V, 0 < VO < 5.5V
–1
1
mA
SIGNAL STRENGTH PIN (SIG)
SIG output voltage with zero differential
VSIG(0)
RL = 5 kΩ
1.125
1.25
1.375
V
input voltage
VID switching at 10 Mbps,
4.75V
≤ VCC ≤ 5.25V
120
GAIN
SIG gain
ΔVO/ΔVID
VO measured with 20 MHz
mV/V
4.5V
≤ VCC ≤ 5.5V
140
bandwidth, See Figure 10
POWER SUPPLY PINS (VCC, CGND, VDD, DGND)
Analog supply current (dynamic)
CHEN and TXEN at logic high, No load
36
65
Analog supply current, chip disabled
CHEN at logic low
1.8
3
ICC
mA
Analog supply current,
CHEN at DGND, TX and TXBAR at VDD
0.8
2
Lowest power conditions
I/O supply current, I/O, dynamic
CHEN at logic high, no load
5
mA
IDD
I/O supply current, I/O, chip disabled
CHEN at logic low
105
μA
(1)
All typical values are at 25
°C and with a 5 V supply. For typical values with a 3.3V supply, refer to the TYPICAL CHARACTERISTICS
curves.
4
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - SN65HVD61DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
More results

Similar Description - SN65HVD61DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
logo
List of Unclassifed Man...
123092A ETC2-123092A Datasheet
104Kb / 3P
   ControlNet??Quad Shielded Coax
logo
Belden Inc.
183092A BELDEN-183092A Datasheet
246Kb / 3P
   ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com