Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA541-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA541-Q1
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA541-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVDA541-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA541-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Recessive
Dominant
Recessive
Time, t
Low Power
Standby Mode
CANL
CANH
V
diff
V
diff
Normal & Silent Mode
RXD
V /2
CC
A
B
A: Normal Mode
B: Low Power Standby Mode
CANH
CANL
SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1
SN65HVDA540-5-Q1, SN65HVDA541-5-Q1, SN65HVDA542-5-Q1
www.ti.com
SLLS804C – MARCH 2009 – REVISED JANUARY 2013
FUNCTIONAL DESCRIPTION
Generaral Description
The device meets or exceeds the specifications of the ISO 11898 High Speed CAN (Controller Area Network)
Physical Layer standard (transceiver). This device provides CAN transceiver functions: differential transmit
capability to the bus and differential receive capability at data rates up to 1 megabit per second (Mbps). The
device includes many protection features providing device and CAN network robustness.
Operating Modes
The device has two main operating modes: normal mode (all devices) and standby mode (SN65HVDA540 / 541)
or silent mode (SN65HVDA542). Operating mode selection is made via the STB (SN65HVDA540 / 541) or the S
(SN65HVDA542) input pin.
Table 1. Operating Modes
DEVICE
STB / S
MODE
DRIVER
RECEIVER
RXD Pin
All Devices
LOW
Normal Mode
Enabled (On)
Enabled (On)
Mirrors bus state(1)
SN65HVDA540
HIGH
Standby Mode (No Wake Up)
Disabled (Off)
Disabled (Off)
Recessive (HIGH)
Low power wake-up
Standby Mode (RXD Wake Up
Mirrors bus state via wake-
SN65HVDA541
HIGH
Disabled (Off)
receiver and bus monitor
Request)
up filter(2)
enabled
SN65HVDA542
HIGH
Silent Mode
Disabled (Off)
Enabled (On)
Mirrors bus state(1)
(1)
Mirrors bus state: LOW if CAN bus is dominant, HIGH if CAN bus is recessive.
(2)
See Figure 3 and Figure 4 for operation of the low power wake up receiver and bus monitor for RXD Wake Up Request behavior and
Table 3 for the wake up receiver threshold levels.
Bus States by Mode
The CAN bus has three valid states during powered operation depending on the mode of the device. In normal
mode the bus may be dominant (logic LOW) where the bus lines are driven differentially apart or recessive (logic
HIGH) where the bus lines are biased to VCC/2 via the high-ohmic internal input resistors RIN of the receiver. The
third state is low power standby mode where the bus lines will be biased to GND via the high-ohmic internal input
resistors RIN of the receiver.
Figure 1. Bus States (Physical Bit Representation)
Figure 2. Simplified Common Mode Bias and
Receiver Implementation
Normal Mode
This is the normal operating mode of the device. It is selected by setting STB or S low. The CAN driver and
receiver are fully operational and CAN communication is bi-directional. The driver is translating a digital input on
TXD to a differential output on CANH and CANL. The receiver is translating the differential signal from CANH
and CANL to a digital output on RXD. In recessive state the CAN bus pins (CANH and CANL) are biased to 0.5
× VCC. In dominant state the bus pins are driven differentially apart. Logic high is equivalent to recessive on the
bus and logic low is equivalent to a dominant (differential) signal on the bus.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVDA540-Q1 SN65HVDA541-Q1 SN65HVDA540-5-Q1 SN65HVDA541-5-Q1
SN65HVDA542-5-Q1


Similar Part No. - SN65HVDA541-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA541 TI1-SN65HVDA541 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA541QDR TI1-SN65HVDA541QDR Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - SN65HVDA541-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com