Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS881PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS881PWPR
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS881PWPR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVS881PWPR Datasheet HTML 1Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 2Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 3Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 4Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 5Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 6Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 7Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 8Page - Texas Instruments SN65HVS881PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
SN65HVS881
SLAS642 – MARCH 2009................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Field power input
–0.3 to 36
V
VIPx
Field digital inputs
IPx
–0.5 to 36
V
VID
Voltage at any logic input
DB0, DB1, CLK, SIP, CE, LD
–0.5 to 6
V
IO
Output current
HOT, SOP
±8
mA
All pins
±4
Human-Body Model(2)
kV
IPx, VCC
±15
VESD
Electrostatic discharge
Charged-Device Model(3)
All pins
±1
kV
Machine Model(4)
All pins
±100
V
PTOT
Continuous total power dissipation
See Thermal Characteristics Table
TJ
Junction temperature
170
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
JEDEC Standard 22, Method A114-A.
(3)
JEDEC Standard 22, Method C101
(4)
JEDEC Standard 22, Method A115-A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JA
Junction-to-air thermal resistance
High-K JEDEC thermal resistance model
35
°C/W
Junction-to-board thermal
θ
JB
15
°C/W
resistance
Junction-to-case thermal
θ
JC
4.27
°C/W
resistance
IP0-IP7 = VCC = 34 V
2970
ICC and IIP-LIM = worst case with
IP0-IP7 = VCC = 30 V
2600
PD
Device power dissipation
RLIM = 25 kΩ, ILOAD = 50 mA on 5VOP,
mW
IP0-IP7 = VCC = 24 V
2020
RE0-RE7 = GND, fIP = 100 MHz
IP0-IP7 = VCC = 12 V
890
MIN
NOM
MAX
UNIT
VCC
Field supply voltage
10
34
V
VIPL
Field input low-state input voltage
0
4
V
VIPH
Field input high-state input voltage
5.5
34
V
VIL
Logic low-state input voltage
0
0.8
V
VIH
Logic high-state input voltage
2.0
5.5
V
RLIM
Current limiter resistor
17
25
500
k
fIP
(1)
Input data rate (each field input)
0
1
Mbps
VCC ≤ 34 V
–40
85
TA
Free-air temperature, see Thermal Characteristics
VCC ≤ 27 V
–40
105
°C
VCC ≤ 18 V
–40
125
TJ
Junction temperature
150
°C
(1)
Maximum data rate corresponds to 0 ms debounce time, (DB0 = open, DB1 = GND), and RIN = 0 Ω
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVS881


Similar Part No. - SN65HVS881PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results

Similar Description - SN65HVS881PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
   Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
   Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com