Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS881PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS881PWP
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS881PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVS881PWP Datasheet HTML 6Page - Texas Instruments SN65HVS881PWP Datasheet HTML 7Page - Texas Instruments SN65HVS881PWP Datasheet HTML 8Page - Texas Instruments SN65HVS881PWP Datasheet HTML 9Page - Texas Instruments SN65HVS881PWP Datasheet HTML 10Page - Texas Instruments SN65HVS881PWP Datasheet HTML 11Page - Texas Instruments SN65HVS881PWP Datasheet HTML 12Page - Texas Instruments SN65HVS881PWP Datasheet HTML 13Page - Texas Instruments SN65HVS881PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DEVICE INFORMATION
Digital Inputs
V -Ref
ILIM Mirror
n = 72
Limiter
IINmax = ILIM
IPx
IREF
IIN
5 V
RLIM
ILIM
R
=
LIM
90
I
LIM
90
2.5 mA
= 36 k
=
Debounce Filter
SN65HVS881
SLAS642 – MARCH 2009................................................................................................................................................................................................... www.ti.com
Figure 13. Digital Input Stage
Each digital input operates as a controlled current sink limiting the input current to a maximum value of ILIM. The
current limit is derived from the reference current via ILIM = n × IREF, and IREF is determined by IREF = VREF/RLIM.
Thus, changing the current limit requires the change of RLIM to a different value via: RLIM = n × VREF/ILIM.
While the device is specified for a current limit of 3.6 mA, (via RLIM = 25 kΩ), it is easy to lower the current limit to
further reduce the power consumption. For example, for a current limit of 2.5 mA simply calculate:
The HVS881 applies a simple analog/digital filtering technique to remove unintended signal transitions due to
contact bounce or other mechanical effects. Any new input (either low or high) must be present for the duration
of the selected debounce time to be latched into the shift register as a valid state.
The logic signal levels at the control inputs, DB0 and DB1 of the internal Debounce-Select logic determine the
different debounce times listed in the following truth table
Table 1. Debounce Times
DB1
DB0
FUNCTION
Open
Open
3 ms delay
Open
GND
1 ms delay
0 ms delay
GND
Open
(filter bypassed)
GND
GND
Reserved
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVS881


Similar Part No. - SN65HVS881PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results

Similar Description - SN65HVS881PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
   Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
   Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com