Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3083EDGSG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD3083EDGSG4
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3083EDGSG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD3083EDGSG4 Datasheet HTML 2Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 9Page - Texas Instruments SN65HVD3083EDGSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Y
3V
Z
W
Generator:PRR=500kHz,50%DutyCycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
R =54
%
L
W
±1
C =50pF
%
L
±20
VOD
VOD(L)
10%
90%
VOD(H)
0V
1.5V
1.5V
90%
10%
0V
VI
VI
VOC
27 Ω ± 1%
Input
27 Ω ± 1%
50pF 20%
±
D
Y
Z
DE
VCC
VOC
VZ
Input:PRR=500kHz,50%DutyCycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
CL IncludesFixtureand
InstrumentationCapacitance
Y
Z
VY
VOC(SS)
VOC(PP)
60
Ω ±1%
0or5V
_
+
−7V<V(test) <12V
DE
VCC
VOD
Y
Z
D
375
Ω ±1%
375
Ω ±1%
R
L
0or5V
V
O
V
OD
V
OC
V
CC
I
O
DE
D
V
I
Y
2
Z
V
O
R
L
2
I
O
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771E – NOVEMBER 2006 – REVISED NOVEMBER 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver VOD Test Circuit and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading Test Circuit
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Driver Switching Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: SN65HVD3080E SN65HVD3083E SN65HVD3086E


Similar Part No. - SN65HVD3083EDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3083EDGSG4 TI-SN65HVD3083EDGSG4 Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGSG4 TI-SN65HVD3083EDGSG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3083EDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com