Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC031QDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LBC031QDG4
Description  HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC031QDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC031QDG4 Datasheet HTML 3Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 4Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 5Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 6Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 7Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 8Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 9Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 10Page - Texas Instruments SN65LBC031QDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN65LBC031, SN65LBC031Q, SN75LBC031
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SLRS048A – MAY 1998 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tloop
TX Input
RX Output
10%
90%
1.5 V
3 V
0 V
VOH
VOL
tloop
Figure 3. Loop Time
SR(RD)
TX Input
VO(DIFF)
80%
20%
1.5 V
3 V
0 V
VOH
VOL
SR(DR)
80%
20%
Figure 4. Slew Rate
NOTE A: The input pulse is supplied to TX by a generator having a tr and tf = 5 ns.
NOTE A: The input pulse is supplied as VDIFF using CANH and CANL
respectively by a generator having a tr and tf = 5 ns.
tpd(RECRD)
RX Output
VO(DIFF)
10%
90%
0.9 V
tpd(RECDR)
0.5 V
Figure 5. Receiver Delay Times
VS
100 pF
100 pF
60
CANH
CANL
R(SOURCE)
Transient Source
(Schaffner Generator)
Figure 6. Transient Stress Capability Test Circuit


Similar Part No. - SN65LBC031QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031QD TI-SN65LBC031QD Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
More results

Similar Description - SN65LBC031QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
   controller area network chip
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com