Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD35DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD35DR
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD35DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD35DR Datasheet HTML 6Page - Texas Instruments SN65HVD35DR Datasheet HTML 7Page - Texas Instruments SN65HVD35DR Datasheet HTML 8Page - Texas Instruments SN65HVD35DR Datasheet HTML 9Page - Texas Instruments SN65HVD35DR Datasheet HTML 10Page - Texas Instruments SN65HVD35DR Datasheet HTML 11Page - Texas Instruments SN65HVD35DR Datasheet HTML 12Page - Texas Instruments SN65HVD35DR Datasheet HTML 13Page - Texas Instruments SN65HVD35DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
Switching Characteristics: Driver (continued)
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SN65HVD33
45
Propagation delay time, high-impedance-
tPZH1
SN65HVD34
235
ns
to-high-level output
RL = 110 Ω, RE at 0 V,
SN65HVD35
490
D = 3 V and S1 = Y, or
D = 0 V and S1 = Z
SN65HVD33
25
See Figure 22
Propagation delay time, high-level-to-
tPHZ
SN65HVD34
65
ns
high-impedance output
SN65HVD35
165
SN65HVD33
35
Propagation delay time, high-impedance-
tPZL1
SN65HVD34
190
ns
to-low-level output
RL = 110 Ω, RE at 0 V,
SN65HVD35
490
D = 3 V and S1 = Z, or
D = 0 V and S1 = Y
SN65HVD33
30
See Figure 23
Propagation delay time, low-level-to-
tPLZ
SN65HVD34
120
ns
high-impedance output
SN65HVD35
290
tPZH1,
Driver enable delay with bus voltage offset
VO= 2 V (Typ)
500
900
ns
tPZL1
RL = 110 Ω, RE at 3 V,
D = 3 V and S1 = Y, or
tPZH2
Propagation delay time, standby-to-high-level output
4000
ns
D = 0 V and S1 = Z
See Figure 22
RL = 110 Ω, RE at 3 V,
D = 3 V and S1 = Z, or
tPZL2
Propagation delay time, standby-to-low-level output
4000
ns
D = 0 V and S1 = Y
See Figure 23
7.10 Switching Characteristics: Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SN65HVD30, SN65HVD33
26
45
ns
Propagation delay time,
tPLH
SN65HVD31, SN65HVD32,
low-to-high-level output
47
70
ns
SN65HVD34, SN65HVD35
SN65HVD30, SN65HVD33
29
45
ns
Propagation delay time,
tPHL
SN65HVD31, SN65HVD32,
high-to-low-level output
49
70
ns
VID = –1.5 V to 1.5 V,
SN65HVD34, SN65HVD35
CL = 15 pF, See Figure 25
SN65HVD30, SN65HVD33
7
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
SN65HVD31, SN65HVD34,
10
ns
SN65HVD32, SN65HVD35
tr
Output signal rise time
5
ns
tf
Output signal fall time
6
ns
tPHZ
Output disable time from high level
20
ns
DE at 3 V
CL = 15 pF,
tPZH1
Output enable time to high level
20
ns
See Figure 26
tPZH2
Propagation delay time, standby-to-high-level output
DE at 0 V
4000
ns
tPLZ
Output disable time from low level
20
ns
DE at 3 V
CL = 15 pF,
tPZL1
Output enable time to low level
20
ns
See Figure 27
tPZL2
Propagation delay time, standby-to-low-level output
DE at 0 V
4000
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD35DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD35DR TI-SN65HVD35DR Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD35DR TI-SN65HVD35DR Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD35DRG4 TI-SN65HVD35DRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD35DRG4 TI-SN65HVD35DRG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD35DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com