Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5608Q0C-D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9F5608Q0C-D
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608Q0C-D Datasheet(HTML) 2 Page - Samsung semiconductor

  K9F5608Q0C-D Datasheet HTML 1Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 2Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 3Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 4Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 5Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 6Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 7Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 8Page - Samsung semiconductor K9F5608Q0C-D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
FLASH MEMORY
2
K9F5608D0C
K9F5608Q0C
K9F5608U0C
K9F5616D0C
K9F5616Q0C
K9F5616U0C
Document Title
32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
2.6
2.7
2.8
2.9
3.0
Remark
History
1. tREA value of 1.8V device is changed.
K9F56XXQ0C : tREA 30ns --> 35ns
2. Errata is deleted.
1. AC parameters are changed.
tWC tWH tWP tRC tREH tRP tREA tCEA
K9F56XXU0C
K9F56XXD0C
50
15
25
50
15
25
30
45
K9F56XXQ0C
60
20
40
60
20
40
40
55
1. AC parameters are changed.
tWC tWH tWP tRC tREH tRP tREA tCEA
K9F5608Q0C
50
15
25
50
15
25
35
45
K9F5616Q0C
60
20
40
60
20
40
40
55
1. The Test Condition for Stand-by Currents are changed.
ISB1: CE=VIH, WP=0V/VCC -->> CE=VIH, WP=LOCKPRE=0V/VCC
ISB2: CE=VCC-0.2, WP=0V/VCC -->> CE=VCC-0.2, WP=LOCKPRE=0V/VCC
2. Add the Protrusion/Burr value in WSOP1 PKG Diagram.
1. PKG(TSOP1, WSOP1) Dimension Change
Draft Date
Aug. 18th 2003
Oct. 28th 2003
Dec. 17th 2003
Apr. 24th 2004
May. 24th 2004
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.samsung.com/Products/Semiconductor/Flash/TechnicalInfo/datasheets.htm


Similar Part No. - K9F5608Q0C-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608Q0C-D SAMSUNG-K9F5608Q0C-D Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608Q0C-D SAMSUNG-K9F5608Q0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608Q0C-DCB0 SAMSUNG-K9F5608Q0C-DCB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608Q0C-DIB0 SAMSUNG-K9F5608Q0C-DIB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
More results

Similar Description - K9F5608Q0C-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com