Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1636 Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS1636
Description  Unipolar Hall Switch-High sensitivity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1636 Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS1636 Datasheet HTML 1Page - SEC Electronics Inc. SS1636 Datasheet HTML 2Page - SEC Electronics Inc. SS1636 Datasheet HTML 3Page - SEC Electronics Inc. SS1636 Datasheet HTML 4Page - SEC Electronics Inc. SS1636 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SS1636
Unipolar Hall Switch-High sensitivity
4
V3.10
Nov 1, 2013
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
Package Information
TSOT-23 Package Physical Characteristics
Hall plate location
0.36
0.46
0.95
0.80
1.50
1.40
Chip
3
2
1
Bottom View of TSOT-23 Package
2.82
3.02
0.70
0.90
0.70
0.80
0.00
0.10
0.35
0.50
0.08
0.20
0.20
Min
2.65
2.95
1.60
1.70
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;


Similar Part No. - SS1636

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Kingtronics Internation...
SS16 KINGTRONICS-SS16 Datasheet
347Kb / 2P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1636

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
US5682 MELEXIS-US5682 Datasheet
508Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
logo
SEC Electronics Inc.
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
logo
Melexis Microelectronic...
US5781 MELEXIS-US5781 Datasheet
431Kb / 11P
   Unipolar Hall Switch - Medium Sensitivity
US5781 MELEXIS-US5781_12 Datasheet
966Kb / 11P
   Unipolar Hall Switch ??Mediuum sensitivity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com