Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3413LUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS3413LUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3413LUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS3413LUA Datasheet HTML 1Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 2Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 3Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 4Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 5Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 6Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 7Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 8Page - SEC Electronics Inc. SS3413LUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SS3413
CMOS Omnipolar High Sensitivity Micropower Hall Switch
3
V3.10 Nov 1, 2013
Pin Definitions and Descriptions
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Internal Timing Circuit
Awake
Taw:175
μs
Period
Sleep Tsl:70ms
Time
Current
0
Isp
Iaw
Iav
Sample & Out-
put Latched


Similar Part No. - SS3413LUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-AESOT SECELECTRONICS-SS3413-AESOT Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-AESTT SECELECTRONICS-SS3413-AESTT Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-AEUA SECELECTRONICS-SS3413-AEUA Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-AKSOT SECELECTRONICS-SS3413-AKSOT Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS3413LUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com