Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ACT244-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ACT244-SP
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ACT244-SP Datasheet(HTML) 1 Page - Texas Instruments

  SN54ACT244-SP Datasheet HTML 1Page - Texas Instruments SN54ACT244-SP Datasheet HTML 2Page - Texas Instruments SN54ACT244-SP Datasheet HTML 3Page - Texas Instruments SN54ACT244-SP Datasheet HTML 4Page - Texas Instruments SN54ACT244-SP Datasheet HTML 5Page - Texas Instruments SN54ACT244-SP Datasheet HTML 6Page - Texas Instruments SN54ACT244-SP Datasheet HTML 7Page - Texas Instruments SN54ACT244-SP Datasheet HTML 8Page - Texas Instruments SN54ACT244-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54ACT244, SN74ACT244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS517C − JUNE 1995 − REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V V
CC Operation
D Inputs Accept Voltages to 5.5 V
D Max t
pd of 9.5 ns at 5 V
D Inputs Are TTL Compatible
SN54ACT244 ...J OR W PACKAGE
SN74ACT244 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ACT244...FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
description/ordering information
These octal buffers/drivers are designed specifically to improve the performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented receivers and transmitters.
The ’ACT244 devices are organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When
OE is low, the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT244N
SN74ACT244N
SOIC
DW
Tube
SN74ACT244DW
ACT244
40
°Cto85°C
SOIC − DW
Tape and reel
SN74ACT244DWR
ACT244
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT244NSR
ACT244
SSOP − DB
Tape and reel
SN74ACT244DBR
AD244
TSSOP − PW
Tape and reel
SN74ACT244PWR
AD244
CDIP − J
Tube
SNJ54ACT244J
SNJ54ACT244J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT244W
SNJ54ACT244W
LCCC − FK
Tube
SNJ54ACT24FK
SNJ54ACT244FK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
© 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54ACT244-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT244-SP TI1-SN54ACT244-SP Datasheet
2Mb / 38P
[Old version datasheet]   SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
SN54ACT244-SP TI1-SN54ACT244-SP Datasheet
2Mb / 38P
[Old version datasheet]   SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
MARCH 2024
More results

Similar Description - SN54ACT244-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com