Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP84902 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84902
Description  1,7 Encoder/Decoder Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84902 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP84902 Datasheet HTML 5Page - National Semiconductor (TI) DP84902 Datasheet HTML 6Page - National Semiconductor (TI) DP84902 Datasheet HTML 7Page - National Semiconductor (TI) DP84902 Datasheet HTML 8Page - National Semiconductor (TI) DP84902 Datasheet HTML 9Page - National Semiconductor (TI) DP84902 Datasheet HTML 10Page - National Semiconductor (TI) DP84902 Datasheet HTML 11Page - National Semiconductor (TI) DP84902 Datasheet HTML 12Page - National Semiconductor (TI) DP84902 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AC Electrical CharacteristicsRead Mode are guaranteed over operating conditions (see table)
unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
Test
(Note 1)
tSU(SYNCDAT)
SYNCDATA Setup Time wrt SYNCCLK
4
1
ns
(Note A)
(negative edge) (see
Figures 6 and 8 )
tH(SYNCDAT)
SYNCDATA Hold Time wrt SYNCCLK
1
0
ns
(Note A)
(negative edge) (see
Figures 6 and 8 )
tSU(NRZIO(01))
NRZIO(01) Setup Time wrt RRCLK
9
19
ns
(Note A)
(positive edge) (see
Figures 6 and 8 )
tH(NRZIO(01))
NRZIO(01) Hold Time wrt RRCLK
9
17
ns
(Note A)
(positive edge) (see
Figures 6 and 8 )
tPD5
Propagation Delay of Decoder SYNCCLK
2
RRCLK
(Note B)
(negative edge) to RRCLK (Note 2) (see
Figures 6 and 7 )
PERIODS
tPW(RRCLK)
RRCLK Pulse Width (High or Low) (see
Figures 6 and 9 )
13
20
ns
(Note A)
Note 1
Typical values are specified at 25 C and 5V supply
Note 2
A RRCLK period is twice the NRZ rate period since a 2-bit interface is used
Note A
This parameter is guaranteed by outgoing testing
Note B
The limit values have been determined by characterization data No outgoing tests are performed
TLF11963 – 6
FIGURE 6 Read Timing Diagram
9


Similar Part No. - DP84902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910-36 TI1-DP84910-36 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910-50 TI1-DP84910-50 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
logo
National Semiconductor ...
DP84910VHG-36 NSC-DP84910VHG-36 Datasheet
377Kb / 32P
   Integrated Read Channel
More results

Similar Description - DP84902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M145026 STMICROELECTRONICS-M145026 Datasheet
587Kb / 13P
   REMOTE CONTROL ENCODER/DECODER CIRCUIT
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
logo
Aeroflex Circuit Techno...
MT62901 AEROFLEX-MT62901 Datasheet
300Kb / 6P
   ARINC629 ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com