Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X4008C1F-BF70 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6X4008C1F-BF70
Description  512Kx8 bit Low Power full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4008C1F-BF70 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6X4008C1F-BF70 Datasheet HTML 1Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 2Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 3Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 4Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 5Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 6Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 7Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 8Page - Samsung semiconductor K6X4008C1F-BF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6X4008C1F Family
CMOS SRAM
Revision 1.0
September 2003
2
512Kx8 bit Low Power full CMOS Static RAM
GENERAL DESCRIPTION
The K6X4008C1F families are fabricated by SAMSUNG
′s
advanced full CMOS process technology. The families sup-
ports various operating temperature range and various
package types for user flexibility of system design. The fam-
ilies also support low data retention voltage for battery back-
up operation with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 512Kx8
• Power Supply Voltage: 4.5~5.5V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL compatible
• Package Type: 32-DIP-600, 32-SOP-525,
32-TSOP2-400F/R
PIN DESCRIPTION
Pin Name
Function
WE
Write Enable Input
CS
Chip Select Input
OE
Output Enable Input
A0~A18
Address Inputs
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
PRODUCT FAMILY
1. The parameter is measured with 50pF test load.
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6X4008C1F-B
Commercial (0~70
°C)
4.5~5.5V
551)/70ns
20
µA
30mA
32-DIP-600, 32-SOP-525,
32-TSOP2-400F/R
K6X4008C1F-F
Industrial (-40~85
°C)
K6X4008C1F-Q
Automotive (-40~125
°C)
30
µA
32-SOP-525, 32-TSOP2-400F
FUNCTIONAL BLOCK DIAGRAM
32-DIP
32-SOP
(Forward)
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(Reverse)
A18
A17
A17
A18
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
Precharge circuit.
Memory array
I/O Circuit
Column select
Clk gen.
Row
select
I/O1
Data
cont
Data
cont
I/O8
CS
WE
OE
Control
logic
Row
Addresses
Column Addresses


Similar Part No. - K6X4008C1F-BF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-B SAMSUNG-K6X4008T1F-B Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-F SAMSUNG-K6X4008T1F-F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-GB55 SAMSUNG-K6X4008T1F-GB55 Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F-GB70 SAMSUNG-K6X4008T1F-GB70 Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - K6X4008C1F-BF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X8016T3B SAMSUNG-K6X8016T3B Datasheet
128Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
K6X8016C3B SAMSUNG-K6X8016C3B Datasheet
130Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com