Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC573DBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AHC573DBLE
Description  Octal Transparent D-Type Latches With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC573DBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHC573DBLE Datasheet HTML 3Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 4Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 9Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 10Page - Texas Instruments SN74AHC573DBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SN54AHC573, SN74AHC573
www.ti.com
SCLS242L – OCTOBER 1995 – REVISED SEPTEMBER 2014
7.8 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC573
SN74AHC573
FROM
TO
LOAD
SN74AHC573
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
7(1)
11(1)
1(1)
13(1)
1
13
1
14
D
Q
CL = 15 pF
ns
tPHL
7(1)
11(1)
1(1)
13(1)
1
13
1
14
tPLH
7.6(1)
11.9(1)
1(1)
14(1)
1
14
1
15
LE
Q
CL = 15 pF
ns
tPHL
7.6(1)
11.9(1)
1(1)
14(1)
1
14
1
15
tPZH
7.3(1)
11.5(1)
1(1)
13.5(1)
1
13.5
1
14.5
OE
Q
CL = 15 pF
ns
tPZL
7.3(1)
11.5(1)
1(1)
13.5(1)
1
13.5
1
14.5
tPHZ
8.3(1)
11(1)
1(1)
13(1)
1
13
1
14
OE
Q
CL = 15 pF
ns
tPLZ
8.3(1)
11(1)
1(1)
13(1)
1
13
1
14
tPLH
9.5
14.5
1
16.5
1
16.5
1
18
D
Q
CL = 50 pF
ns
tPHL
9.5
14.5
1
16.5
1
16.5
1
18
tPLH
10.1
15.4
1
17.5
1
17.5
1
19
LE
Q
CL = 50 pF
ns
tPHL
10.1
15.4
1
17.5
1
17.5
1
19
tPZH
9.8
15
1
17
1
17
1
18
OE
Q
CL = 50 pF
ns
tPZL
9.8
15
1
17
1
17
1
18
tPHZ
10.7
14.5
1
16.5
1
16.5
1
17.5
OE
Q
CL = 50 pF
ns
tPLZ
10.7
14.5
1
16.5
1
16.5
1
17.5
tsk(o)
CL = 50 pF
1.5(2)
1.5
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHC573 SN74AHC573


Similar Part No. - SN74AHC573DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC573DBLE TI-SN74AHC573DBLE Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573DBLE TI-SN74AHC573DBLE Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC573DBLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com