Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC157NSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC157NSR
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC157NSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AHC157NSR Datasheet HTML 5Page - Texas Instruments SN74AHC157NSR Datasheet HTML 6Page - Texas Instruments SN74AHC157NSR Datasheet HTML 7Page - Texas Instruments SN74AHC157NSR Datasheet HTML 8Page - Texas Instruments SN74AHC157NSR Datasheet HTML 9Page - Texas Instruments SN74AHC157NSR Datasheet HTML 10Page - Texas Instruments SN74AHC157NSR Datasheet HTML 11Page - Texas Instruments SN74AHC157NSR Datasheet HTML 12Page - Texas Instruments SN74AHC157NSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74AHC157PWRG3
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
HA157
SN74AHC157PWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
HA157
SN74AHC157RGYR
ACTIVE
VQFN
RGY
16
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
HA157
SNJ54AHC157FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9764201Q2A
SNJ54AHC
157FK
SNJ54AHC157J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9764201QE
A
SNJ54AHC157J
SNJ54AHC157W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9764201QF
A
SNJ54AHC157W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - SN74AHC157NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC157NSR TI-SN74AHC157NSR Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74AHC157NSRE4 TI-SN74AHC157NSRE4 Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AHC157NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com