Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC594NSRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC594NSRE4
Description  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594NSRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC594NSRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC594NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN54AHC594, SN74AHC594
www.ti.com
SCLS423G – JUNE 1998 – REVISED JULY 2014
6.4 Thermal Information
SN74AHC594
THERMAL METRIC(1)
D
DB
N
NS
PW
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
80.2
97.5
47.5
79.1
105.7
RθJC(top)
Junction-to-case (top) thermal resistance
39.1
47.7
34.9
35.4
40.4
RθJB
Junction-to-board thermal resistance
27.7
48.1
27.5
39.9
50.7
ψJT
Junction-to-top characterization parameter
9.9
9.8
19.8
5.4
3.7
°C/W
Junction-to-board characterization
ψJB
37.4
47.6
27.4
39.5
50.1
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
n/a
n/a
n/a
n/a
n/a
resistance
(1)
For more information about traditional and new thermal metrics, see the TI application report IC Package Thermal Metrics (SPRA953).
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54AHC594(1)
SN74AHC594
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
4.5 V
4.4
4.5
4.4
4.4
VOH
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
3.94
3.8
3.8
4.5 V
QA – QH
IOH = –8 mA
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
VOL
V
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
0.36
0.5
0.44
4.5 V
0.36
0.5
0.44
0 to 5.5
II
VI = 5.5 V or GND
±0.1
±1(2)
±1
µA
V
VI = VCC or
ICC
IO = 0
5.5 V
4
40
40
µA
GND
Ci
VI = VCC or GND
5 V
2
10
10
pF
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC594 SN74AHC594


Similar Part No. - SN74AHC594NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC594NSRE4 TI-SN74AHC594NSRE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74AHC594NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com