Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5608U0C-D Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9F5608U0C-D
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608U0C-D Datasheet(HTML) 5 Page - Samsung semiconductor

  K9F5608U0C-D Datasheet HTML 1Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 2Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 3Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 4Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 5Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 6Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 7Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 8Page - Samsung semiconductor K9F5608U0C-D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
FLASH MEMORY
5
K9F5608D0C
K9F5608Q0C
K9F5608U0C
K9F5616D0C
K9F5616Q0C
K9F5616U0C
63-Ball TBGA (measured in millimeters)
PACKAGE DIMENSIONS
9.00
±0.10
#A1
Side View
Top View
0.45
±0.05
4
3
2
1
A
B
C
D
G
Bottom View
63-
∅0.45±0.05
0.80 x 5= 4.00
0.80
0.08MAX
B
A
2.00
9.00
±0.10
(Datum B)
(Datum A)
0.20 M A B
0.80 x 9= 7.20
6
5
9.00
±0.10
E
F
H
K9F56XXX0C-DCB0,HCB0/DIB0,HIB0
R/B
/WE
/CE
Vss
ALE
/WP
/RE
CLE
NC
NC
NC
NC
Vcc
NC
NC
I/O0
I/O1
NC
NC
VccQ
I/O5
I/O7
Vss
I/O6
I/O4
I/O3
I/O2
Vss
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
LOCKPRE
NC
NC
N.C
N.C N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
R/B
/WE
/CE
Vss
ALE
/WP
/RE
CLE
I/O7
I/O5
I/O12 IO14
Vcc
I/O10
I/O8 I/O1
I/O9
I/O0
I/O3 VccQ
I/O6 I/O15
Vss
I/O13
I/O4
I/O11
I/O2
Vss
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
LOCKPRE
NC
NC
X16
X8
3
4
5
6
1
2
A
B
C
D
G
E
F
H
3
4
5
6
1
2
A
B
C
D
G
E
F
H
Top View
Top View
PIN CONFIGURATION (TBGA)


Similar Part No. - K9F5608U0C-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0C-D SAMSUNG-K9F5608U0C-D Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608U0C-D SAMSUNG-K9F5608U0C-D Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608U0C-D SAMSUNG-K9F5608U0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0C-DCB0 SAMSUNG-K9F5608U0C-DCB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5608U0C-DIB0 SAMSUNG-K9F5608U0C-DIB0 Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
More results

Similar Description - K9F5608U0C-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com