Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X4008T1F-VF55 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6X4008T1F-VF55
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4008T1F-VF55 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6X4008T1F-VF55 Datasheet HTML 1Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 2Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 3Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 4Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 5Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 6Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 7Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 8Page - Samsung semiconductor K6X4008T1F-VF55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6X4008T1F Family
CMOS SRAM
Revision 1.0
September 2003
1
Document Title
512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Revision History
Revision No.
0.0
0.1
0.2
0.21
1.0
Remark
Preliminary
Preliminary
Preliminary
Preliminary
Final
History
Initial Draft
Revised
- Added 55ns product( Vcc = 3.0V~3.6V)
Revised
- Added Commercial product
Revised
- Errata correction : corrected commercial product family name from
K6X4008T1F-F to K6X4008T1F-B in PRODUCT FAMILY.
Finalized
- Changed ICC from 4mA to 2mA
- Changed ICC1 from 4mA to 3mA
- Changed ICC2 from 30mA to 25mA
- Changed ISB1(Commercial) from 15
µA to 10µA
- Changed ISB1(industrial) from 20
µA to 10µA
- Changed ISB1(Automotive) from 30
µA to 20µA
- Changed IDR(Commercial) from 15
µA to 10µA
- Changed IDR(industrial) from 20
µA to 10µA
- Changed IDR(Automotive) from 30
µA to 20µA
Draft Data
July 29, 2002
October 14, 2002
December 2, 2002
March 26, 2003
September 16, 2003
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.


Similar Part No. - K6X4008T1F-VF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-B SAMSUNG-K6X4008C1F-B Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB55 SAMSUNG-K6X4008C1F-BB55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB70 SAMSUNG-K6X4008C1F-BB70 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BF55 SAMSUNG-K6X4008C1F-BF55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
More results

Similar Description - K6X4008T1F-VF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com