Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD4004-16MX Datasheet(PDF) 7 Page - Winbond

Part # ISD4004-16MX
Description  Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD4004-16MX Datasheet(HTML) 7 Page - Winbond

Back Button ISD4004-16MX Datasheet HTML 3Page - Winbond ISD4004-16MX Datasheet HTML 4Page - Winbond ISD4004-16MX Datasheet HTML 5Page - Winbond ISD4004-16MX Datasheet HTML 6Page - Winbond ISD4004-16MX Datasheet HTML 7Page - Winbond ISD4004-16MX Datasheet HTML 8Page - Winbond ISD4004-16MX Datasheet HTML 9Page - Winbond ISD4004-16MX Datasheet HTML 10Page - Winbond ISD4004-16MX Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISD4004 Series
3
ISD
NON-INVERTING ANALOG INPUT (ANA IN+)
This pin is the non-inverting analog input that trans-
fers the signal to the device for recording. The an-
alog input amplifier can be driven single ended or
differentially. In the single-ended input mode, a
32 mVp-p (peak-to-peak) maximum signal should
be capacitively connected to this pin for optimal
signal quality. This capacitor value, together with
the 3 K
W input impedance of ANA IN+, is selected
to give cutoff at the low frequency end of the
voice passband. In the differential-input mode,
the maximum input signal at ANA IN+ should be
16 mVp-p
for
optimal
signal
quality.
The
circuit
connections for the two modes are shown in Fig-
ure 2 on page 2.
INVERTING ANALOG INPUT (ANA IN–)
This pin is the inverting analog input that transfers
the signal to the device for recording in the differ-
ential-input mode. In this differential-input mode,
a 16 mVp-p
maximum
input signal at ANA
IN–
should be capacitively coupled to this pin for op-
timal signal quality as shown in the ISD4004 Series
ANA
IN
Modes,
Figure
2.
This
capacitor
value
should be equal to the coupling capacitor used
on the ANA IN+ pin. The input impedance at ANA IN–
is nominally 56 K
W. In the single-ended mode, ANA
IN–
should
be
capacitively
coupled
to
V
SSA
through a capacitor equal to that used on the
ANA IN+ input.
AUDIO OUTPUT (AUD OUT)
This
pin
provides
the
audio
output
to
the
user.
It is capable of driving a 5 K
W impedance. It is
recommended that this pin be AC coupled.
NOTE
The AUDOUT pin is always at 1.2 volts when
the device is powered up. When in play-
back, the output buffer connected to this
pin can drive a load as small as 5 KW.
When in record, a resistor connects AUD-
OUT to the internal 1.2 volt analog ground
supply.
This
resistor
is
approximately
850 KW, but will vary somewhat according
to the sample rate of the device. This rel-
atively high impedance allows this pin to
be connected to an audio bus without
loading it down.
SLAVE SELECT (SS)
This
input,
when
LOW,
will
select
the
ISD4004
device.
MASTER OUT SLAVE IN (MOSI)
This is the serial input to the ISD4004 device. The
master microcontroller places data on the MOSI
line one half-cycle before the rising clock edge to
be clocked in by the ISD4004 device.
MASTER IN SLAVE OUT (MISO)
This is the serial output of the ISD4004 device. This
output goes into a high-impedance state if the
device is not selected.
SERIAL CLOCK (SCLK)
This is the clock input to the ISD4004. It is generat-
ed by the master device (microcontroller) and is
used to synchronize data transfers in and out of
the device through the MISO and MOSI lines. Data
is latched into the ISD4004 on the rising edge of
SCLK and shifted out of the device on the falling
edge of SCLK.
INTERRUPT (INT)
The ISD4004 interrupt pin goes LOW and stays LOW
when an Overflow (OVF) or End of Message (EOM)
marker is detected. This is an open drain output
pin. Each operation that ends in an EOM or Over-
flow will generate an interrupt including the mes-
sage cueing cycles. The interrupt will be cleared
the next time an SPI cycle is initiated. The interrupt
status can be read by an RINT instruction.
Overflow Flag (OVF)—The Overflow flag indi-
cates that the end of the ISD4004’s analog mem-
ory
has
been
reached
during
a
record
or
playback operation.
End of Message (EOM)—The End-of-Message
flag is set only during playback operation when an
EOM is found. There are eight EOM flag position
options per row.


Similar Part No. - ISD4004-16MX

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4004-16MX NUVOTON-ISD4004-16MX Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results

Similar Description - ISD4004-16MX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com