Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4510ZHK Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI4510ZHK
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510ZHK Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI4510ZHK Datasheet HTML 7Page - Texas Instruments PCI4510ZHK Datasheet HTML 8Page - Texas Instruments PCI4510ZHK Datasheet HTML 9Page - Texas Instruments PCI4510ZHK Datasheet HTML 10Page - Texas Instruments PCI4510ZHK Datasheet HTML 11Page - Texas Instruments PCI4510ZHK Datasheet HTML 12Page - Texas Instruments PCI4510ZHK Datasheet HTML 13Page - Texas Instruments PCI4510ZHK Datasheet HTML 14Page - Texas Instruments PCI4510ZHK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 220 page
background image
xi
Table
Title
Page
4−5
Secondary Status Register Description
4−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−6
PCI Interrupt Pin Register—Read-Only INTPIN Per Function
4−13
. . . . . . . . .
4−7
Bridge Control Register Description
4−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−8
System Control Register Description
4−16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−9
General Control Register Description
4−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−10
General-Purpose Event Status Register Description
4−19
. . . . . . . . . . . . . . . . .
4−11
General-Purpose Event Enable Register Description
4−20
. . . . . . . . . . . . . . . .
4−12
General-Purpose Input Register Description
4−20
. . . . . . . . . . . . . . . . . . . . . . . .
4−13
General-Purpose Output Register Description
4−21
. . . . . . . . . . . . . . . . . . . . . .
4−14
Multifunction Routing Status Register Description
4−22
. . . . . . . . . . . . . . . . . . .
4−15
Retry Status Register Description
4−23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−16
Card Control Register Description
4−24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−17
Device Control Register Description
4−25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−18
Diagnostic Register Description
4−26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−19
Power Management Capabilities Register Description
4−28
. . . . . . . . . . . . . . .
4−20
Power Management Control/Status Register Description
4−29
. . . . . . . . . . . . .
4−21
Power Management Control/Status Bridge Support Extensions Register
Description
4−30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−22
Serial Bus Data Register Description
4−30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−23
Serial Bus Index Register Description
4−31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−24
Serial Bus Slave Address Register Description
4−31
. . . . . . . . . . . . . . . . . . . . .
4−25
Serial Bus Control and Status Register Description
4−32
. . . . . . . . . . . . . . . . . .
5−1
ExCA Registers and Offsets
5−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−2
ExCA Identification and Revision Register Description
5−4
. . . . . . . . . . . . . . .
5−3
ExCA Interface Status Register Description
5−5
. . . . . . . . . . . . . . . . . . . . . . . .
5−4
ExCA Power Control Register Description—82365SL Support
5−6
. . . . . . . .
5−5
ExCA Power Control Register Description—82365SL-DF Support
5−6
. . . . .
5−6
ExCA Interrupt and General Control Register Description
5−7
. . . . . . . . . . . .
5−7
ExCA Card Status-Change Register Description
5−8
. . . . . . . . . . . . . . . . . . . .
5−8
ExCA Card Status-Change Interrupt Configuration Register
Description
5−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−9
ExCA Address Window Enable Register Description
5−10
. . . . . . . . . . . . . . . .
5−10
ExCA I/O Window Control Register Description
5−11
. . . . . . . . . . . . . . . . . . . . .
5−11
ExCA Memory Windows 0−4 Start-Address High-Byte Registers
Description
5−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−12
ExCA Memory Windows 0−4 End-Address High-Byte Registers
Description
5−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−13
ExCA Memory Windows 0−4 Offset-Address High-Byte Registers
Description
5−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−14
ExCA Card Detect and General Control Register Description
5−18
. . . . . . . . .
5−15
ExCA Global Control Register Description
5−19
. . . . . . . . . . . . . . . . . . . . . . . . .
6−1
CardBus Socket Registers
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−2
Socket Event Register Description
6−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6−3
Socket Mask Register Description
6−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI4510ZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510AGHK TI-PCI4510AGHK Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510AZHK TI-PCI4510AZHK Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510R TI1-PCI4510R Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
More results

Similar Description - PCI4510ZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI7610 TI-PCI7610 Datasheet
1Mb / 240P
[Old version datasheet]   PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com