Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4673 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4673
Description  LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4673 Datasheet(HTML) 3 Page - Texas Instruments

  LM4673 Datasheet HTML 1Page - Texas Instruments LM4673 Datasheet HTML 2Page - Texas Instruments LM4673 Datasheet HTML 3Page - Texas Instruments LM4673 Datasheet HTML 4Page - Texas Instruments LM4673 Datasheet HTML 5Page - Texas Instruments LM4673 Datasheet HTML 6Page - Texas Instruments LM4673 Datasheet HTML 7Page - Texas Instruments LM4673 Datasheet HTML 8Page - Texas Instruments LM4673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM4673, LM4673SDBD, LM4673TMBD
www.ti.com
SNAS317D – DECEMBER 2005 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6.0V
Storage Temperature
−65°C to +150°C
Voltage at Any Input Pin
VDD + 0.3V ≥ V ≥ GND - 0.3V
Power Dissipation(4)
Internally Limited
ESD Susceptibility, all other pins(5)
2.0kV
ESD Susceptibility(6)
200V
Junction Temperature (TJMAX)
150°C
Thermal Resistance
θJA (DSBGA)
99.1°C/W
θJA (WSON)
73°C/W
Soldering Information
See (SNVA009) "microSMD Wafers Level Chip Scale
Package."
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4673, TJMAX = 150°C. The typical θJA is 99.1°C/W for the DSBGA package.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF – 240pF discharged through all pins.
Operating Ratings
(1) (2)
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.4V
≤ VDD ≤ 5.5V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4673 LM4673SDBD LM4673TMBD


Similar Part No. - LM4673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673SD NSC-LM4673SD Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673SDBD TI1-LM4673SDBD Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4673TM NSC-LM4673TM Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results

Similar Description - LM4673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 TI-LM4673_15 Datasheet
4Mb / 28P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com